Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3303-00-LGIZ Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3303-00-LGIZ
Description  8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3303-00-LGIZ Datasheet(HTML) 5 Page - Vicor Corporation

  PI3303-00-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3303-00-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Cool-Power®
Rev 2.0
vicorpower.com
Page 5 of 42
02/2016
800 927.9474
PI33xx-x0
Package Pin-Out
Pin Description
PGD
VS1
Block 4
VIN
Block 3
PGND
Block 2
SGND
ADJ
TRK
SDA
SCL
ADR0
ADR1
K
J
H
G
F
E
D
C
B
A
13
12
5
4
3
1
14
210
9
8
7
611
SGND
Block 1
VOUT
Block 5
Block 1:
B2-4, C2-4, D2-3, E2-3, F1-3, G2-3, H2-3, J1-3, K1-2
Block 2:
A8-10, B8-10, C8-10, D8-10, E4-10,
F4-10, G4-10, H4-10, J4-10, K6-10
Block 3:
G12-14, H12-14, J12-14, K12-14
Block 4:
A12-14, B12-14, C12-14, D12-14, E12-14
Block 5:
A6-7, B6-7, C6-7, D6-7
Pin Name
Number
Description
SGND
Block 1
Signal Ground:
Internal logic ground for EA, TRK, SYNCI, SYNCO, ADJ and I2C (options) communication
returns. SGND and PGND are star connected within the regulator package.
PGND
Block 2
Power Ground:
VIN and VOUT power returns.
VIN
Block 3
Input Voltage:
and sense for UVLO, OVLO and feed forward ramp.
VOUT
Block 5
Output Voltage:
and sense for power switches and feed-forward ramp.
VS1
Block 4
Switching Node
: and ZVS sense for power switches.
PGD
A1
Parallel Good:
Used for parallel timing management intended for lead regulator.
EAO
A2
Error Amp Output:
External connection for additional compensation and current sharing.
EN
A3
Enable Input:
Regulator enable control. Asserted high or left floating – regulator enabled;
Asserted low, regulator output disabled. Polarity is programmable via I2C interface.
REM
A5
Remote Sense:
High side connection. Connect to output regulation point.
ADJ
B1
Adjust Input:
An external resistor may be connected between ADJ pin and SGND or VOUT
to trim the output voltage up or down.
TRK
C1
Soft-start and Track Input:
An external capacitor may be connected between TRK pin
and SGND to decrease the rate of rise during soft-start.
NC
K3, A4
No Connect:
Leave pins floating.
SYNCO
K4
Synchronization Output:
Outputs a low signal for ½ of the minimum period for synchronization of other
converters.
SYNCI
K5
Synchronization Input:
Synchronize to the falling edge of external clock frequency.
SYNCI is a high impedance digital input node and should always be connected to SGND when not in use.
SDA
D1
Data Line:
Connect to SGND for PI33xx-00. For use with PI33xx-20 only.
SCL
E1
Clock Line:
Connect to SGND for PI33xx-00. For use with PI33xx-20 only.
ADR1
H1
Tri-state Address:
No connect for PI33xx-00. For use with PI33xx-20 only.
ADR0
G1
Tri-state Address:
No connect for PI33xx-00. For use with PI33xx-20 only.


Similar Part No. - PI3303-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3303-00-LGIZ ETC2-PI3303-00-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results

Similar Description - PI3303-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-20-LGIZ VICOR-PI3312-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3301-00-LGIZ VICOR-PI3301-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-20-LGIZ VICOR-PI3302-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-20-LGIZ VICOR-PI3311-20-LGIZ Datasheet
3Mb / 26P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com