Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3305-20-LGIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3305-20-LGIZ
Description  8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3305-20-LGIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3305-20-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 13Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 14Page - Vicor Corporation PI3305-20-LGIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Cool-Power®
Rev 2.0
vicorpower.com
Page 11 of 42
02/2016
800 927.9474
PI33xx-x0
Figure 8 — Short Circuit Test
Figure 7 — Efficiency at 25°C
Figure 9 — Switching Frequency vs. Load Current
Figure 10 — Transient Response 2 A to 7 A, at 5 A/µs
Figure 12 — Output Ripple 24 VIN, 1.8 VOUT at 5 A
Figure 11 — Output Ripple 24 VIN, 1.8 VOUT at 10 A
PI3318-x0-LGIZ (1.8 VOUT) Electrical Characteristics
Switching Frequency vs. Load Current
Load Curent (A)
12
34
56
78
9
10
600
500
400
300
200
100
0
12 Vin
24 Vin
36 Vin
8 Vin
700
Efficiency at 25°C
Load Curent (A)
01
23
45
67
8
9
10
100
95
90
85
80
75
70
65
60
55
50
12 Vin
24 Vin
36 Vin
8 Vin


Similar Part No. - PI3305-20-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3305-20-LGIZ ETC2-PI3305-20-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results

Similar Description - PI3305-20-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-20-LGIZ VICOR-PI3312-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3301-00-LGIZ VICOR-PI3301-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-20-LGIZ VICOR-PI3302-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-20-LGIZ VICOR-PI3311-20-LGIZ Datasheet
3Mb / 26P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com