Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVE2M16CLL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS66WVE2M16CLL
Description  Asynchronous and page mode interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE2M16CLL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE2M16CLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVE2M16CLL Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
IS66/67WVE2M16EALL/BLL/CLL
Rev. 0D | November 2014
www.issi.com - SRAM@issi.com
Low-Power Feature
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary to
perform the DRAM refresh operation. Standby operation occurs when CE# and ZZ# are HIGH.
The device will enter a reduced power state upon completion of a READ or WRITE
operations when the address and control inputs remain static for an extended period of time.
This mode will continue until a change occurs to the address or control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) is used to adjust the refresh rate depending on the
device operating temperature. DRAM technology requires more frequent refresh operations to
maintain data integrity as temperatures increase. More frequent refresh is required due to the
increased leakage of the DRAM's capacitive storage elements as temperatures rise. A decreased
refresh rate at lower temperatures will result in a savings in standby current.
TCR allows for adequate refresh at four different temperature thresholds: +15°C, +45°C, +70°C,
and +85°C. The setting selected must be for a temperature higher than the case temperature of
the device. If the case temperature is +50°C, the system can minimize self refresh current
consumption by selecting the +70°C setting. The +15°C and +45°C settings would result in
inadequate refreshing and cause data corruption.


Similar Part No. - IS66WVE2M16CLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DALL-70BLI ISSI-IS66WVE2M16DALL-70BLI Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
More results

Similar Description - IS66WVE2M16CLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com