Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS67WVE51216BLL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS67WVE51216BLL
Description  Asynchronous and page mode interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVE51216BLL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS67WVE51216BLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVE51216BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
IS66WVE51216EALL/BLL/CLL
IS67WVE51216EALL/BLL/CLL
Rev. 0D | November 2014
www.issi.com - SRAM@issi.com
Functional Description
All functions for the device are listed below in Table 2.
Mode
Power
CE#
WE#
OE#
UB#/LB#
ZZ#
DQ
[15:0]4
Note
Standby
Standby
H
X
X
X
H
High-Z
2,5
Read
Active
L
H
L
L
H
Data-Out
1,4
Write
Active
L
L
X
L
H
Data-In
1,3,4
No operation
Idle
L
X
X
X
H
X
4,5
PAR
PAR
H
X
X
X
L
High-Z
6
DPD
DPD
H
X
X
X
L
High-Z
6
Load
Configuration
register
Active
L
L
X
X
L
High-Z
Table 2. Functional Descriptions
Notes
1. When UB# and LB# are in select mode (LOW), DQ0~DQ15 are affected as shown.
When only LB# is in select mode, DQ0~DQ7 are affected as shown. When only UB# is
in select mode, DQ8~DQ15 are affected as shown.
2. When the device is in standby mode, control inputs (WE#, OE#), address inputs, and data
inputs/outputs are internally isolated from any external influence.
3. When WE# is active, the OE# input is internally disabled and has no effect on the I/Os.
4. The device will consume active power in this mode whenever addresses are changed.
5. Vin=VDDQ or 0V, all device pins be static (unswitched) in order to achieve standby current.
6. DPD is enabled when configuration register bit CR[4] is “0”; otherwise, PAR is enabled.


Similar Part No. - IS67WVE51216BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVE1M16BLL ISSI-IS67WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16CLL ISSI-IS67WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16EALL ISSI-IS67WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16EALL-70BLA1 ISSI-IS67WVE1M16EALL-70BLA1 Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
IS67WVE1M16EBLL-70BLA1 ISSI-IS67WVE1M16EBLL-70BLA1 Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
More results

Similar Description - IS67WVE51216BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com