Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST60-24P Datasheet(PDF) 9 Page - Hirose Electric

Part # ST60-24P
Description  Interface Connectors for Miniature, Portable Terminal Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ST60-24P Datasheet(HTML) 9 Page - Hirose Electric

Back Button ST60-24P Datasheet HTML 2Page - Hirose Electric ST60-24P Datasheet HTML 3Page - Hirose Electric ST60-24P Datasheet HTML 4Page - Hirose Electric ST60-24P Datasheet HTML 5Page - Hirose Electric ST60-24P Datasheet HTML 6Page - Hirose Electric ST60-24P Datasheet HTML 7Page - Hirose Electric ST60-24P Datasheet HTML 8Page - Hirose Electric ST60-24P Datasheet HTML 9Page - Hirose Electric ST60-24P Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
21
23.2
21
No.1
No.24
9
screw(2)
Catch / release button(2)
Part Number
CL No.
ST40X-24S-CV1
CL241-0023-8
q 24 pos. (Shielded type, for 5.8mm max. cable diameter)
No.1
No.36
32.5
30.6
34.1
7.6
11.4
screw(2)
Catch / release button(2)
Part Number
CL No.
ST40-36S-CV
CL241-0034-4
q 36 pos. (Shielded type, for 7mm max. cable diameter)
Note: Plug assemblies will require additional components. Contact Hirose Electric representative for detailed descriptions and installation instructions.


Similar Part No. - ST60-24P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST60-24P ETC2-ST60-24P Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

Similar Description - ST60-24P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com