Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3318-01-LGIZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3318-01-LGIZ
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3318-01-LGIZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3318-01-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 9Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 10Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 11Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 12Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 9 of 26
PI33XX-X1
PI3318-X1 (1.8 Vout) Electrical Characteristics
Specifications apply for -40C < TJ < 125C, Vin =24V, L1=125nH (Note 1) unless other conditions are noted.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input Specifications
Input Voltage
VIN_DC
8
24
36
V
Input Current
IIN_DC
1.25
A
Iout=15A
Input Current At Output Short
(fault condition duty cycle)
IIN_Short
45
mA
Note 2.
Input Quiescent Current
IQ_VIN
2
2.5
mA
Disabled
Enabled (no load)
Input Voltage Slew Rate
VIN_SR
1
V/μs
Note2.
Output Specifications
Output Voltage Total Regulation
VOUT_DC
1.773
1.8
1.827
V
Note 2.
Output Voltage Trim Range
VOUT_DC
1.4
2.0
V
Note 3.
Line Regulation
∆VOUT(∆VIN)
0.10
%
@25°C, 8V<Vin<36V
Load Regulation
∆VOUT(∆IOUT)
0.10
%
@25°C, 0.5A<Iout<15A
Output Voltage Ripple
VOUT_AC
30
mVp-p
Iout=5A, Cout=8x100μF,
20MHz BW Note 4.
Continuous Output Current Range
IOUT_DC
0
15
A
Note 2.
Current Limit
IOUT_CL
18.0
A
Protection
VIN UVLO Start Threshold
VUVLO_START
7.10
7.60
8.00
V
VIN UVLO Stop Threshold
VUVLO_STOP
6.80
7.25
7.60
V
VIN UVLO Hysteresis
VUVLO_HYS
0.35
V
VIN OVLO Start Threshold
VOVLO_START
36.1
37.6
V
VIN OVLO Stop Threshold
VOVLO_STOP
37.0
38.4
V
VIN OVLO Hysteresis
VOVLO_HYS
0.8
V
VIN UVLO/OVLO Fault Delay Time
tf_DLY
128
Cycles Number of the
switching freq cycles
VIN UVLO/OVLO Response Time
tf
500
ns
Output Over Voltage Protection
VOVP
20
%
Above VOUT
Over-Temperature Fault Threshold
TOTP
130
135
140
°C
Note 2.
Over-Temperature Restart
Hysteresis
TOTP_HYS
30
°C
Note 1:
All parameters reflect regulator and inductor system
performance. Measurements were made using a standard PI33XX
evaluation board with 3x4” dimensions and 4 layer, 2oz copper.
Refer to inductor pairing table within Application Description
section for specific inductor manufacturer and value.
Note 2:
Regulator is assured to meet performance specifications
by design, test correlation, characterization, and/or statistical
process control.
Note 3:
Output current capability may be limited and other
performance may vary from noted electrical characteristics when
switching frequency or Vout is modified.
Note 4:
Refer to Output Ripple plots.
Note 5:
Refer to Load Current vs. Ambient Temperature curves.
Note 6:
Refer to Switching Frequency vs. Load current curves.


Similar Part No. - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3318-01-LGIZ ETC2-PI3318-01-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results

Similar Description - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-21-LGIZ VICOR-PI3311-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-21-LGIZ VICOR-PI3312-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com