Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3542-00-LGIZ Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3542-00-LGIZ
Description  36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3542-00-LGIZ Datasheet(HTML) 2 Page - Vicor Corporation

  PI3542-00-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3542-00-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 2 of 37
2/2016
800 927.9474
PI354x-00
Contents
Contents
Page
Order Information
3
Thermal, Storage, and Handling Information
3
Absolute Maximum Ratings
4
Functional Block Diagram
5
Pin Description
6
Package Pin-Out
6
PI354x-00 Common Electrical Characteristics
7
PI3542-00 (2.5 Vout) Electrical Characteristics
8
PI3543-00 (3.3 Vout) Electrical Characteristics
12
PI3545-00 (5.0 Vout) Electrical Characteristics
16
PI3546-00 (12.0 Vout) Electrical Characteristics
20
Functional Description
24
ENABLE (EN)
24
Remote Sensing
24
Switching Frequency Synchronization
24
Soft-Start
24
Output Voltage Selection
24
Output Current Limit Protection
24
Input Undervoltage Lockout
24
Input Overvoltage Lockout
24
Output Overvoltage Protection
25
Overtemperature Protection
25
Pulse Skip Mode (PSM)
25
Variable Frequency Operation
25
Parallel Operation
25
Contents
Page
Application Description
25
Output Voltage Trim
25
Soft-Start Adjust and Tracking
26
Inductor Pairing
26
Thermal De-rating
26
Small Signal Model - Constant Voltage Mode
26
Lighting Mode
28
LGH Amplifier Small Signal Model
29
Filter Considerations
31
VDR Bias Regulator
32
Sytem Design Considerations
32
Layout Guidelines
33
Recommended PCB Footprint and Stencil
34
Package Drawings
35
Revision History
36
Warranty
37


Similar Part No. - PI3542-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 39P
   Cool-Power짰 ZVS Switching Regulators
PI3542-00-LGIZ VICOR-PI3542-00-LGIZ Datasheet
1Mb / 40P
   36VIN to 60VIN Cool-Power ZVS Buck Regulator & LED Driver
More results

Similar Description - PI3542-00-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3543-00-LGIZ VICOR-PI3543-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3546-00-LGIZ VICOR-PI3546-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3545-00-LGIZ VICOR-PI3545-00-LGIZ Datasheet
1Mb / 37P
   36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com