Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDSD0420 Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDSD0420
Description  Ideal for DC-DC converter applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDSD0420 Datasheet(HTML) 1 Page - TOKO, Inc

  FDSD0420 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDSD0420
Inductance Range: 0.33~10
H
Tolerance:±0.3
(Unit: mm)
(Unit: mm)
*: FDSD0420:2.0mm Max.
FEATURES
特長
 4.2  4.2mm Max. square and 1.2mm Max. height.
 Magnetically shielded construction, low DC resistance.
 The use of magnetic iron powder ensure capability for
large current.
 Low audible core noise.
 Ideal for DC-DC converter applications.
 4.2  4.2mm 角 Max.、高さ2.0mm Max.
 閉磁路構造、低直流抵抗
 磁性材に鉄系磁性粉を用いた大電流対応
 低コア鳴きノイズ
 DC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE FDSD0420 (Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
FDSD0420-H-R33M=P3
0.33
 20
14 (12)
11 (15)
7.7 (9.1)
FDSD0420-H-R47M=P3
0.47
 20
18 (15)
9.4 (12)
6.8 (8.0)
FDSD0420-H-R68M=P3
0.68
 20
22 (18)
8.3 (11)
6.5 (7.6)
FDSD0420-H-1R0M=P3
1.0
 20
29 (24)
6.8 (9.0)
5.1 (6.0)
FDSD0420-H-1R5M=P3
1.5
 20
36 (30)
5.7 (7.7)
4.3 (5.1)
FDSD0420-H-2R2M=P3
2.2
 20
47 (39)
4.1 (5.5)
3.6 (4.2)
FDSD0420-H-3R3M=P3
3.3
 20
71 (59)
3.7 (4.9)
2.9 (3.4)
FDSD0420-H-4R7M=P3
4.7
 20
83 (69)
3.6 (4.6)
2.7 (3.2)
FDSD0420-H-6R8M=P3
6.8
 20
150 (125)
2.7 (3.6)
1.9 (2.2)
FDSD0420-H-100M=P3
10
 20
200 (165)
2.5 (3.3)
1.7 (2.0)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの
値が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度25°Cを基準とする。)
(5) 絶対最大電圧
30VDC
ご注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。
L
L
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ


Similar Part No. - FDSD0420

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FDSD0420-H-100M MURATA-FDSD0420-H-100M Datasheet
977Kb / 2P
   Inductor
FDSD0420-H-1R0M MURATA-FDSD0420-H-1R0M Datasheet
977Kb / 2P
   Inductor
FDSD0420-H-1R5M MURATA-FDSD0420-H-1R5M Datasheet
977Kb / 2P
   Inductor
FDSD0420-H-2R2M MURATA-FDSD0420-H-2R2M Datasheet
977Kb / 2P
   Inductor
FDSD0420-H-3R3M MURATA-FDSD0420-H-3R3M Datasheet
977Kb / 2P
   Inductor
More results

Similar Description - FDSD0420

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
FDSD0515 TOKO-FDSD0515 Datasheet
247Kb / 1P
   Ideal for DC-DC converter applications
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
   Ideal for DC-DC converter applications
DEM3518C TOKO-DEM3518C Datasheet
250Kb / 1P
   Ideal for a variety of DC-DC converter inductor applications
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
   Ideal for a variety of DC-DC converter Inductor application
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com