Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3N Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # R3N
Description  Relays of general application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R3N Datasheet(HTML) 5 Page - ZETTLER Electronics

  R3N Datasheet HTML 1Page - ZETTLER Electronics R3N Datasheet HTML 2Page - ZETTLER Electronics R3N Datasheet HTML 3Page - ZETTLER Electronics R3N Datasheet HTML 4Page - ZETTLER Electronics R3N Datasheet HTML 5Page - ZETTLER Electronics R3N Datasheet HTML 6Page - ZETTLER Electronics R3N Datasheet HTML 7Page - ZETTLER Electronics R3N Datasheet HTML 8Page - ZETTLER Electronics R3N Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 e-mail: export@relpol.com.pl
5
R3N
miniature industrial relays
3 N
see Tables 1, 2 page 2
Ordering codes
Type
Contact
material
Number and type
of contacts
Cover protection
category
Connection
mode
Coil code
Number and type of contacts
13 - 3 CO
Note:
For relays with additional features
D - surge suppression element (diode) (versions WTD and WTLD) - fixed supply
polarity compulsory for the DC load of coils: +A1(13) / -A2(14). The polarity is indicated on the relay cover. For other
versions of the relays with DC coils any polarity is possible.
Example of ordering code:
R3N-2013-23-1024-WT
relay
R3N, for plug-in sockets, three changeover contacts, contact material AgNi, coil
voltage 24 V DC, with mechanical indicator and lockable front test button, in cover IP 40
Contact material
20 - AgNi
21 - AgNi/Au 0,2 µm
Connection mode
3 - for plug-in sockets
Cover protection category
2 - in cover, IP 40 version
Additional
features
Additional features
without marks - without additional features
WT
- mechanical indicator + lockable front test button ❷
WTL
- mechanical indicator + lockable front test button + light indicator (LED diode)
WTD - mechanical indicator + lockable front test button + surge suppression element (diode) ❸
WTLD - mechanical indicator + lockable front test button + light indicator (LED diode) + surge suppression element (diode) ❸
WT - standard features of relays
WTD, WTLD - available only in relays with DC coils
Test buttons (no latching) and plugs need to ordered saparately. They substitute buttons type T. To exchange by Customer themselves.
Information on test buttons (no latching) and plugs - page 10.
• Button R4P-0001-A - orange colour (AC coils)
• Button R4P-0001-D - green colour (DC coils)
• Plug R4W-0003-A
- orange colour (AC coils)
• Plug R4W-0003-D
- green colour (DC coils)
R


Similar Description - R3N

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
   Relays of general application
RUC ZETTLER-RUC Datasheet
699Kb / 6P
   Power relays of general application
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com