Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS25M Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # ARS25M
Description  25A AUTOMOTIVE BUTTON DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ARS25M Datasheet(HTML) 3 Page - Nanjing International Group Co

  ARS25M Datasheet HTML 1Page - Nanjing International Group Co ARS25M Datasheet HTML 2Page - Nanjing International Group Co ARS25M Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
AR25A
10mm Button
1000 Units/Box
ARS25A
8.6mm Button
1000 Units/Box
AR25B
10mm Button
1000 Units/Box
ARS25B
8.6mm Button
1000 Units/Box
AR25D
10mm Button
1000 Units/Box
ARS25D
8.6mm Button
1000 Units/Box
AR25G
10mm Button
1000 Units/Box
ARS25G
8.6mm Button
1000 Units/Box
AR25J
10mm Button
1000 Units/Box
ARS25J
8.6mm Button
1000 Units/Box
AR25K
10mm Button
1000 Units/Box
ARS25K
8.6mm Button
1000 Units/Box
AR25M
10mm Button
1000 Units/Box
ARS25M
8.6mm Button
1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.


Similar Part No. - ARS25M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ARS25M WTE-ARS25M Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
List of Unclassifed Man...
ARS25M ETC-ARS25M Datasheet
68Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Taiwan Semiconductor Co...
ARS25M TSC-ARS25M Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
ARS25M TSC-ARS25M Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
ARS25M TSC-ARS25M Datasheet
569Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
More results

Similar Description - ARS25M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25A WTE-AR25A Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A_14 Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
Shanghai Shunye Electro...
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
C25A WTE-C25A_06 Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
Shanghai Shunye Electro...
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com