Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3257PWE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3257PWE4
Description  FET Multiplexer/Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3257PWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q3257PWE4 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN74CB3Q3257
www.ti.com
SCDS135B – SEPTEMBER 2003 – REVISED JUNE 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V,
II = –18 mA
–1.8
V
IIN
Control inputs VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
VO = 0 to 5.5 V,
Switch OFF,
IOZ
(3)
VCC = 3.6 V,
±1
µA
VI = 0,
VIN = VCC or GND
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
II/O = 0,
ICC
VCC = 3.6 V,
VIN = VCC or GND
0.7
1.5
mA
Switch ON or OFF,
ΔICC
(4)
Control inputs VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
Per control
VCC = 3.6 V, A and B ports open,
mA/
ICCD
(5)
0.3
0.35
input
Control input switching at 50% duty cycle
MHz
Cin
Control inputs VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
2.5
3.5
pF
Switch OFF,
A port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
5.5
7
pF
VIN = VCC or GND,
Cio(OFF)
Switch OFF,
B port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
3.5
5
pF
VIN = VCC or GND,
A port
10.5
13
Switch ON,
Cio(ON)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
pF
VIN = VCC or GND,
B port
10.5
13
VI = 0,
IO = 30 mA
4
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 1.7 V,
IO = –15 mA
4
9
ron
(6)
VI = 0,
IO = 30 mA
4
6
VCC = 3 V
VI = 2.4 V,
IO = –15 mA
4
8
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data terminals.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see
Figure 2).
(6)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
f OE or fS
(1)
OE or S
A or B
10
20
MHz
tpd
(2)
A or B
B or A
0.12
0.2
ns
tpd(s)
S
A
1.5
6.5
1.5
5.5
ns
S
B
1.5
6.5
1.5
5.5
ten
ns
OE
A or B
1.5
6.5
1.5
5.5
S
B
1
6
1
6
tdis
ns
OE
A or B
1
6
1
6
(1)
Maximum switching frequency for control inputs (VO > VCC, VI = 5 V, RL ≥ 1 MΩ, CL = 0).
(2)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CB3Q3257


Similar Part No. - SN74CB3Q3257PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257PWE4 TI-SN74CB3Q3257PWE4 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3257PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3253 TI1-SN74CBTLV3253_15 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI1-SN74CBTLV3257_15 Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBT3251 TI1-SN74CBT3251_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer and Demultiplexer
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com