Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A27518E Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3A27518E
Description  6-Channel, 1:2 Multiplexer/Demultiplexer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518E Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3A27518E_16 Datasheet HTML 2Page - Texas Instruments TS3A27518E_16 Datasheet HTML 3Page - Texas Instruments TS3A27518E_16 Datasheet HTML 4Page - Texas Instruments TS3A27518E_16 Datasheet HTML 5Page - Texas Instruments TS3A27518E_16 Datasheet HTML 6Page - Texas Instruments TS3A27518E_16 Datasheet HTML 7Page - Texas Instruments TS3A27518E_16 Datasheet HTML 8Page - Texas Instruments TS3A27518E_16 Datasheet HTML 9Page - Texas Instruments TS3A27518E_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TS3A27518E
SCDS260D – MARCH 2009 – REVISED MAY 2016
www.ti.com
Product Folder Links: TS3A27518E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC (1)
TS3A27518E
UNIT
PW
(TSSOP)
RTW
(WQFN)
ZQS (BGA
MICROSTAR JUNIOR)
24 PINS
24 PINS
24 PINS
ψJT
Junction-to-top characterization parameter
9.9
1
9
°C/W
ψJB
Junction-to-board characterization parameter
57.1
19.3
92.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8
°C/W
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
6.5 Electrical Characteristics for 3.3-V Supply
(1)
VCC = 3 V to 3.6 V, TA = –40°C to +85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
VNO, VNC
Analog signal voltage
0
VCC
V
ron
ON-state resistance
VCC = 3 V
0
≤ (VNC or VNO)
≤ VCC,
ICOM = –32 mA
Switch ON,
see Figure 15
TA = 25°C
4.4
6.2
V
TA = –40°C to
+85°C
7.6
Δron
ON-state
resistance match
between channels
VCC = 3 V
VNC or VNO = 2.1
V,
ICOM = –32 mA
Switch ON,
see Figure 15
TA = 25°C
0.3
0.7
TA = –40°C to
+85°C
0.8
ron(flat)
ON-state
resistance
flatness
VCC = 3 V
0
≤ (VNC or VNO)
≤ VCC,
ICOM = –32 mA
Switch ON,
see Figure 16
TA = 25°C
0.95
2.1
TA = –40°C to
+85°C
2.3
INC(OFF),
INO(OFF)
NC, NO
OFF leakage
current
VCC = 3.6 V
VNC or VNO = 1
V,
VCOM = 3 V,
or
VNC or VNO = 3
V,
VCOM = 1 V
Switch OFF,
see Figure 16
TA = 25°C
–0.5
0.05
0.5
μA
TA = –40°C to
+85°C
–7
7
INC(PWROFF),
INO(PWROFF)
VCC = 0 V
VNC or VNO = 0
to 3.6 V,
VCOM = 3.6 V to
0,
or
VNC or VNO = 3.6
V to 0,
VCOM = 0 to 3.6
V
TA = 25°C
–1
0.05
1
TA = –40°C to
+85°C
–12
12
ICOM(OFF)
COM
OFF leakage
current
VCC = 3.6 V
VNC or VNO = 3
V,
VCOM = 1 V,
or
VNC or VNO = 1
V,
VCOM = 3 V
Switch OFF,
see Figure 16
TA = 25°C
–1
0.01
1
μA
TA = –40°C to
+85°C
–2
2
ICOM(PWROFF)
VCC = 0 V
VNC or VNO = 3.6
V to 0,
VCOM = 0 to 3.6
V,
or
VNC or VNO = 0
to 3.6 V,
VCOM = 3.6 V to
0
TA = 25°C
–1
0.02
1
TA = –40°C to
+85°C
–12
1
INO(ON),
INC(ON)
NC, NO
ON leakage
current
VCC = 3.6 V
VNC or VNO = 1
V,
VCOM = open,
or
VNC or VNO = 3
V,
VCOM = open
Switch ON,
see Figure 17
TA = 25°C
–2.5
0.04
2.2
μA
TA = –40°C to
+85°C
–7
7


Similar Part No. - TS3A27518E_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
More results

Similar Description - TS3A27518E_16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com