Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4051ADGVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051ADGVRG4
Description  8-Channel Analog Multiplexers and Demultiplexers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051ADGVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV4051ADGVRG4 Datasheet HTML 1Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 2Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 3Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 4Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 5Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 6Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 7Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 8Page - Texas Instruments SN74LV4051ADGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
Y2
Y1
Y0
Y3
A
B
Y6
COM
Y7
Y5
INH
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Y4
Y6
COM
Y7
Y5
INH
GND
GND
VCC
Y2
Y1
Y0
Y3
A
B
SN74LV4051A
www.ti.com
SCLS428I – MAY 1999 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D, DB, DGB, N, NS, PW Package
RGY Package
16-Pin SOIC, SSOP, TVSOP, PDIP, SO, TSSOP
16-Pin VQFN With Exposed Thermal Pad
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
11
I
Selector line A for outputs (see Device Functional Modes for specific information)
B
10
I
Selector line B for outputs (see Device Functional Modes for specific information)
C
9
I
Selector line C for outputs (see Device Functional Modes for specific information)
COM
3
O/I(1)
Output/Input of mux
GND
7, 8
Ground
Enables the outputs of the device. Logic low level with turn the outputs on, high level will turn
INH
6
I(1)
them off.
Y0
13
I/O(1)
Input/Output to mux
Y1
14
I/O(1)
Input/Output to mux
Y2
15
I/O(1)
Input/Output to mux
Y3
12
I/O(1)
Input/Output to mux
Y4
1
I/O(1)
Input/Output of mux
Y5
5
I/O(1)
Input/Output to mux
Y6
2
I/O(1)
Input/Output to mux
Y7
4
I/O(1)
Input/Output to mux
VCC
16
Device power
(1)
These I/O descriptions represent the device when used as a multiplexer, when this device is operated as a demultiplexer pins Y0-Y7
may be considered outputs (O) and the COM pin may be considered inputs (I).
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LV4051A


Similar Part No. - SN74LV4051ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051ADGVRG4 TI-SN74LV4051ADGVRG4 Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
SN74LV4051ADGVRG4 TI-SN74LV4051ADGVRG4 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADGVRG4 TI-SN74LV4051ADGVRG4 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADGVRG4 TI-SN74LV4051ADGVRG4 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4051ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com