Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3383PWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3383PWRG4
Description  10-Bit Bus-Exchange Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3383PWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CBT3383PWRG4 Datasheet HTML 3Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 4Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 5Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 6Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 7Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 8Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 9Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 10Page - Texas Instruments SN74CBT3383PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BX
BE
1A1
1A2
1B1
1B2
5A1
5A2
5B1
5B2
3
4
2
5
21
22
20
23
1
13
SN74CBT3383, SN54CBT3383
www.ti.com
SCDS003P – NOVEMBER 1992 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The SNX4CBT3383 provides ten high-speed CMOS TTL-compatible bus switches. The low ON-resistance of the
SNX4CBT3383 allows inputs to be connected to outputs without adding propagation delay and without
generating additional ground bounce noise. The Bus Enable (BE) signal turns the switches on. The Bus
Exchange (BX) signal provides nibble swap of the 1A and 1B pairs of signals. This exchange configuration allows
byte swapping of buses in systems. It can also be used as a 5-wide, 2-to-1 multiplexer, to create low delay barrel
shifters, and so forth.
8.2 Functional Block Diagram
Copyright © 1992–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74CBT3383 SN54CBT3383


Similar Part No. - SN74CBT3383PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3383PWRG4 TI-SN74CBT3383PWRG4 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - SN74CBT3383PWRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com