Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3160DBVTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5A3160DBVTG4
Description  SPDT Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3160DBVTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5A3160DBVTG4 Datasheet HTML 4Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 5Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 9Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 10Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 11Page - Texas Instruments TS5A3160DBVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TS5A3160
SCDS216D – OCTOBER 2005 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics for 3.3-V Supply (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
DYNAMIC
25°C
3.3 V
2
4.5
13
VCOM = V+,
CL = 35 pF,
tON
Turnon time
ns
3 V to
RL = 50 Ω,
see Figure 17
Full
1
15
3.6 V
25°C
3.3 V
3
9
15
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
ns
3 V to
RL = 50 Ω,
see Figure 17
Full
2
20
3.6 V
25°C
3.3 V
1
7
12
Make-before-
VCOM = V+,
CL = 35 pF,
tMBB
ns
3 V to
break time
RL = 50 Ω,
see Figure 18
Full
1
15
3.6 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
3.3 V
20
pC
injection
RGEN = 0,
see Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25°C
3.3 V
18
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25°C
3.3 V
55
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
CCOM(ON)
ON
See Figure 16
25°C
3.3 V
55
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
3.3 V
2
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 19
25°C
3.3 V
100
MHz
Switch ON,
RL = 50 Ω,
OISO
OFF isolation
See Figure 20
25°C
3.3 V
–64
dB
f = 10 MHz,
RL = 50 Ω,
XTALK
Crosstalk
See Figure 20
25°C
3.3 V
–64
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
3.3 V
0.01%
distortion
CL = 50 pF,
see Figure 23
SUPPLY
25°C
10
30
Positive supply
I+
VI = V+ or GND
3.6 V
nA
current
Full
100
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS5A3160


Similar Part No. - TS5A3160DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DBVTG4 TI-TS5A3160DBVTG4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTG4 TI-TS5A3160DBVTG4 Datasheet
681Kb / 30P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3160DBVTG4

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com