Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDCRO275327-10 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # KDCRO275327-10
Description  Lead Free Patented REL-PRO짰 Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

KDCRO275327-10 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  KDCRO275327-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION KDCRO275327-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION KDCRO275327-10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2750 - 3270 MHz
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL:
KDCRO275327-10
OPTIMIZED BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
Patents : http://www.synergymwave.com/patents
[ 1 of 3 ]
FEATURES:
Exceptional Phase Noise Performance
Small Size, Surface Mount
Lead Free Patented REL-PRO® Technology
Planar Resonator Construction
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
2749.9 MHz
2843.8 MHz
3010.9 MHz
3270.2 MHz
SPECIFICATIONS
Frequency
2750 - 3270 MHz
Tuning Voltage
See table below.
Bias Voltage
+10 VDC @ 39 mA (Max.)
Output Power
+4 dBm (Min.)
Tuning Sensitivity
14 - 38 MHz/V (Typ.)
Output Impedance
50 Ohms (Nom.)
Harmonic Suppression
20 dB (Typ.)
Frequency Pulling
5 MHz (Typ. @ 1.75:1 VSWR)
Frequency Pushing
5 MHz/V (Typ.)
Tuning Port Capacitance
50 pF (Typ.)
Phase Noise @ 10 kHz
-104 dBc/Hz (Typ.)
Operating Temperature Range
-40 to +85 °C
Guaranteed Tuning Specifications
Tuning Voltage ( V )
Frequency ( MHz )
0.5
2750 (Max.)
7
2800 (Min.)
14
2975 (Min.)
21
3175 (Min.)
26
3270 (Min.)
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage
+10.5 V
Tuning Voltage
+28 V
DC Voltage Applied to RF Out
±25 V
Package #
110LF


Similar Part No. - KDCRO275327-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDC COOPER-KDC Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDC EATON-KDC Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Schneider Electric
KDC1H SCHNEIDER-KDC1H Datasheet
112Kb / 2P
   operating head 45 x 45 mm - black handle
Feb 10, 2022
logo
IDEA.lnc.
KDC4251-5 IDEA-KDC4251-5 Datasheet
24Kb / 1P
   Water Clear LED
KDC4381-5 IDEA-KDC4381-5 Datasheet
24Kb / 1P
   Small View Angle, Water Clear LED
More results

Similar Description - KDCRO275327-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
   Patented free-floating silicon technology
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
   patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
   Patented Super Barrier Rectifier Technology
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
   Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com