Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BMT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BMT
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BMT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4053BMT Datasheet HTML 4Page - Texas Instruments CD4053BMT Datasheet HTML 5Page - Texas Instruments CD4053BMT Datasheet HTML 6Page - Texas Instruments CD4053BMT Datasheet HTML 7Page - Texas Instruments CD4053BMT Datasheet HTML 8Page - Texas Instruments CD4053BMT Datasheet HTML 9Page - Texas Instruments CD4053BMT Datasheet HTML 10Page - Texas Instruments CD4053BMT Datasheet HTML 11Page - Texas Instruments CD4053BMT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VSUPPLY = ±5 V, AV = +1, and RL = 100 Ω, (unless otherwise noted)
(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
VIS (V)
VEE (V)
VSS (V) VDD (V)
TEMP
CONTROL (ADDRESS OR INHIBIT), VC
–55°C
1.5
–40°C
1.5
5
25°C
1.5
85°C
1.5
125°C
1.5
–55°C
3
–40°C
3
Input Low Voltage, VIL , Max
10
25°C
3
V
85°C
3
125°C
3
–55°C
4
–40°C
4
15
25°C
4
VIL = VDD
85°C
4
through 1
VEE = VSS,
125°C
4
k
Ω ;
RL = 1 kΩ to VSS,
VIH = VDD
IIS < 2 µA on All
–55°C
3.5
through 1
OFF Channels
–40°C
3.5
k
5
25°C
3.5
85°C
3.5
125°C
3.5
–55°C
7
–40°C
7
Input High Voltage, VIH , Min
10
25°C
7
V
85°C
7
125°C
7
–55°C
11
–40°C
11
15
25°C
11
85°C
11
125°C
11
–55°C
± 0.1
–40°C
± 0.1
Input Current, IIN (Max)
VIN = 0, 18
18
25°C
± 10–5
± 0.1
µA
85°C
± 1
125°C
± 1
tr , tf = 20
0
0
5
450
720
Address-to-Signal OUT
ns,
0
0
10
160
320
Propagation
(Channels ON or OFF) (See
CL = 50
ns
0
0
15
120
240
Delay Time
Figure 10, Figure 11, and
pF,
Figure 14)
RL = 10
–5
0
5
225
450
k
0
0
5
400
720
tr , tf = 20
Inhibit-to-Signal OUT
ns,
0
0
10
160
320
Propagation
(Channel Turning ON) (See
CL = 50
ns
Delay Time
0
0
15
120
240
Figure 11)
pF,
RL = 1 kΩ
–10
0
5
200
400
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B


Similar Part No. - CD4053BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4053BMT TI-CD4053BMT Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BMT TI-CD4053BMT Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BMT TI-CD4053BMT Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4053BMT TI1-CD4053BMT Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4053BMTE4 TI-CD4053BMTE4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

Similar Description - CD4053BMT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com