Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBL205G-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBL205G-T
Description  2A, 400V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBL205G-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBL205G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBL205G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBL205G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBL205G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DBL204G-T - DBL207G-T
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per J-STD-002
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2t
A
2s
TJ
°C
TSTG
°C
Version: A1604
DBL207G-T
800
1000
560
700
800
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs,1% Duty Cycle
Typical thermal resistance
RθJL
RθJA
15
40
°C/W
Operating junction temperature range
- 55 to +150
IR
2
500
μA
A
Rating for fusing (t<8.3ms)
10.3
Maximum instantaneous forward voltage (Note 1)
IF= 2 A
VF
1.15
V
Maximum DC blocking voltage
Maximum average forward rectified current
2.0
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
400
1000
600
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
DBL204G-T
400
280
DBL205G-T
600
420
DBL206G-T
Taiwan Semiconductor
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Polarity: Polarity as marked on the body
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
DBL
MECHANICAL DATA
Case: Molded plastic body
Weight: 0.38 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
PARAMETER
SYMBOL


Similar Part No. - DBL205G-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL205G-T TSC-DBL205G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBL205G-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T_16 Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
KBPF204G TSC-KBPF204G Datasheet
361Kb / 5P
   2A, 400V - 1000V Glass Passivated Bridge Rectifier
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL154G-T TSC-DBL154G-T Datasheet
348Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS154G-T TSC-DBLS154G-T_16 Datasheet
286Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com