Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171040302 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171040302
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

171040302 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 171040302 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 171040302 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
WPMDB1200362Q / 171020302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
6/29
OPERATING CONDITIONS
Operating conditions are conditions under which operation of the device is intended to be functional. All values are
referenced to GND.
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents
statistically the utmost probability at following conditions: VIN = 3.3V, VOUT = 1.8V, IOUT = 2A, CIN1 = 47µF ceramic, CIN2 =
220µF poly-tantalum, COUT1 = 47µ ceramic, COUT2 = 100µF poly-tantalum unless otherwise noted.
SYMBOL
PARAMETER
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
VIN
Input voltage
2.95
-
6
V
VOUT
Output voltage (depending on input voltage and switching
frequency)
0.8
-
3.6
V
TA
Ambient temperature range
-40
-
85
(3)
°C
TJOP
Junction temperature range
-40
-
125
°C
THERMAL SPECIFICATIONS
SYMBOL
PARAMETER
TYP
(2)
UNIT
ӨJA
Junction-to-ambient thermal resistance
(4)
12
°C/W
ΨJT
Junction-to-top
(5)
2.2
°C/W
ΨJB
Junction-to-board
(6)
9.7
°C/W
TSD
Thermal shutdown, rising
175
°C
Thermal shutdown hysteresis, falling
15
°C


Similar Part No. - 171040302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - 171040302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com