Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171060302 Datasheet(PDF) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171060302
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

171060302 Datasheet(HTML) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 171060302 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
WPMDB1200362Q / 171020302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
9/29
NOTES
(1) Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods.
(2) Typical numbers are valid at 25°C ambient temperature and represent statistically the utmost probability assuming the
Gaussian distribution.
(3) Depending on heat sink design, number of PCB layers, copper thickness and air flow.
(4) Measured on a 100 x 100mm two layer board, with 35µm (1 ounce) copper, no air flow
(5) The junction-to-top characterization parameter,
ΨJT, estimates the junction temperature, TJ, of a device in a real system,
using a procedure described in JESD51-2A (sections 6 and 7). TJ = ΨJT * Pdis + TT; where Pdis is the power dissipated in
the device and TT is the temperature of the top of the device.
(6) The junction-to-board characterization parameter,
ΨJB, estimates the junction temperature, TJ, of a device in a real
system, using a procedure described in JESD51-2A (sections 6 and 7). TJ = ΨJB * Pdis + TB; where Pdis is the power
dissipated in the device and TB is the temperature of the board 1mm from the device.
(7) The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the
internal adjustment resistor. The overall output voltage tolerance is affected by the tolerance of the external RSET
resistor.
(8) The industry standard for comparison of the output voltage ripple between switching regulators or modules requires a
10µF ceramic (sometimes additional 1µF ceramic in parallel) at the point of load where the voltage measurement is
done using an oscilloscope with its probe and probe jack for low voltage/high frequency (low impedance) measurement.
The oscilloscopes bandwidth is limited at 20MHz.
(9) A minimum of 47µF of ceramic capacitance is required across the input for proper operation. Locate the capacitor
directly at VIN of the device. An additional 220µF of bulk capacitance is recommended.
(10) The amount of required output capacitance varies depending on the output voltage. The amount of required
capacitance must include at least 47µF of ceramic capacitance. Locate the capacitance close to the device. Adding
additional capacitance close to the load improves the response of the regulator to load transients.
(11) When using both ceramic and non-ceramic output capacitance, the combined maximum must not exceed 1200µF.


Similar Part No. - 171060302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - 171060302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com