Electronic Components Datasheet Search |
|
171040302 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
171040302 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
6 / 29 page WPMDB1600362Q / 171060302 MagI 3C Power Module VDRM – Variable Step Down Regulator Module We-online.com Würth Elektronik eiSos GmbH & Co. KG – Preliminary Data Sheet REV 0.1 © Mai 2015 6/29 OPERATING CONDITIONS Operating conditions are conditions under which operation of the device is intended to be functional. All values are referenced to GND. MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents statistically the utmost probability at following conditions: VIN = 3.3V, VOUT = 1.8V, IOUT = 2A, CIN1 = 47µF ceramic, CIN2 = 220µF poly-tantalum, COUT1 = 47µ ceramic, COUT2 = 100µF poly-tantalum unless otherwise noted. SYMBOL PARAMETER MIN (1) TYP (2) MAX (1) UNIT VIN Input voltage 2.95 - 6 V VOUT Output voltage (depending on input voltage and switching frequency) 0.8 - 3.6 V TA Ambient temperature range -40 - 85 (3) °C TJOP Junction temperature range -40 - 125 °C THERMAL SPECIFICATIONS SYMBOL PARAMETER TYP (2) UNIT ӨJA Junction-to-ambient thermal resistance (4) 12 °C/W ΨJT Junction-to-top (5) 2.2 °C/W ΨJB Junction-to-board (6) 9.7 °C/W TSD Thermal shutdown, rising 175 °C Thermal shutdown hysteresis, falling 15 °C |
Similar Part No. - 171040302 |
|
Similar Description - 171040302 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |