Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPMDB1200362Q Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDB1200362Q
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDB1200362Q Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  WPMDB1200362Q Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
WPMDB1600362Q / 171060302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
3/29
PIN DESCRIPTION
SYMBOL
PIN
TYPE
DESCRIPTION
VIN
30,31,32
Power
Input Voltage. Place input capacitors as close as possible
VOUT
8,9,10,11,
12,13,14,38
Power
Output voltage. Place output capacitors as close as possible. For thermal
performance use copper plane(s) at these pins.
AGND
5,7,33,34
Supply
Analog ground for internal circuitry. Connect to power ground
PGND
37
Power
Power ground for the internal switching circuitry. Connect to copper plane(s) with
thermal vias for thermal performance.
VSENSE+
36
Input
Connect to positive terminal of the output capacitor.
An internal resistor of 1430 Ω is
connected internally between VSENSE+ and VADJ. This is the upper resistor of the
feedback voltage divider.
VADJ
35
Input
A resistor (RSET) from VADJ to AGND is needed to select the output voltage. This is
the lower resistor of the feedback voltage divider.
RT/CLK
4
Input
An external resistor from RT/CLK to AGND adjusts the switching frequency of the
device.
INTRRT
5
analog
Internal resistor which defines the default switching frequency.
RCOMP
1
analog
Internal resistor of the compensation network. Must be connected to AGND.
OPTIONAL
SYMBOL
PIN
TYPE
DESCRIPTION
UVLO
29
Input
An internal under-voltage lock out resistor of 34
kΩ is connected to the enable pin. If
connected to analog ground, the internal UVLO resistor divider will be activated. For
input voltages below 3.3V this pin should be left open and optional a resistor from
enable to analog ground sets the UVLO to values between 2.95 and 3.3 V.
ENABLE
28
Input
Enable pin. Internally pull up source. Pull to analog ground to disable. Float to
Enable.
PGOOD
27
Output
Open drain output. The PGOOD pin pulls low during thermal shutdown, over-
current, output over-voltage or under-voltage or disabled device. A pull up resistor is
required.
SS/TR
6
Input
Internal current source. Connect an external capacitor to optionally increase the soft
start time. A voltage applied to this pin allows tracking and sequencing.
INTSS
7
analog
An internal 3.3nF capacitor is connected to this pin. If pin 7 is connected to analog
ground, a 1.1ms soft start time is selected.
AUXILIARY
SYMBOL
PIN
TYPE
DESCRIPTION
COMP
3
Output
Output of the error amplifier. If an external compensation is used, pin 1 must be left
open.
CCOMP
2
analog
Internal capacitor of the compensation network. Do not connect.
BOOT
26
Supply
Internal bootstrap pin for the high side mosfet.
SWITCH
17,18,19,20
,21,22,23,
24,25,39
Power
Internal switch node. Do not connect these pins.
NC
15,16
Not connected to internal circuitry.


Similar Part No. - WPMDB1200362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDB1200362Q WURTH-WPMDB1200362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
WPMDB1200362Q WURTH-WPMDB1200362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - WPMDB1200362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com