Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPMDL9500501S Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDL9500501S
Description  Fixed Step Down Regulator Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDL9500501S Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  WPMDL9500501S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDL9500501S Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WPMDL110xxx1S / 17301xx78
MagI
3C Power Module
FDSM – Fixed Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG – Data Sheet Rev. 1.0
© November 2015
2/12
PACKAGE
1
2
3
PIN DESCRIPTION
SYMBOL
PIN
TYPE
DESCRIPTION
VIN
1
Power
Input voltage.
GND
2
Power
Ground, reference for VIN and VOUT
VOUT
3
Power
Output voltage
ORDERING INFORMATION
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
173010578
WPMDL1100501S
1.0A / 5V
version
SIP-3
Tube with 42 pieces
173010378
WPMDL1100331S
1.0A / 3.3V version
SIP-3
Tube with 42 pieces
PIN COMPATIBLE FAMILY MEMBERS
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
173950578
WPMDL9500501S
0.5A / 5V
version
SIP-3
Tube with 42 pieces
173950378
WPMDL9500501S
0.5A / 3.3V version
SIP-3
Tube with 42 pieces
PACKAGE SPECIFICATIONS
Weight
Flammability
MTBF
2.0g
Meets UL 94 V-O
MIL-HDBK 217F +25°C: 3875·10
3h
SALES INFORMATION
SALES CONTACTS
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 7942 945 0
www.we-online.com
powermodules@we-online.com


Similar Part No. - WPMDL9500501S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDL9500501S WURTH-WPMDL9500501S Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
WPMDL9500501S WURTH-WPMDL9500501S Datasheet
572Kb / 12P
   MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output
Rev. 1.0
More results

Similar Description - WPMDL9500501S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010378 WURTH-173010378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010335 WURTH-173010335 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
173950336 WURTH-173950336 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
logo
Linear Technology
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com