Electronic Components Datasheet Search |
|
PRM48AF480T400A00 Datasheet(PDF) 8 Page - Vicor Corporation |
|
PRM48AF480T400A00 Datasheet(HTML) 8 Page - Vicor Corporation |
8 / 44 page Rev 1.4 PRMTM Regulator Page 8 of 44 11/2015 vicorpower.com 800 927.9474 PRM48Ay480x400A00 Electrical Specifications (cont.) Specifications apply over all line and load conditions, and trim from 20.0 V to 55.0 V, unless otherwise noted; Boldface specifications apply over the temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted. Attribute Symbol Conditions / Notes Min Typ Max Unit Power Output Specifications: Slave Operations (cont.) Equal input, output, and SHARE voltage at full load; VIN = 48.0 V, VOUT = 48.0 V 5 % Equal input, output and SHARE voltage at full load; Current Sharing Difference IOUT_SHARE_SS Over line and trim, with 25°C ≤ T C ≤ 100°C 10 % (Slave to Slave) and ≤ 5°C part-part temp. mismatch Equal input, output, and SHARE voltage at full load; Over line and trim, with 25°C ≤ T C ≤ 100°C 15 % and ≤ 30°C part-part temp. mismatch Maximum Array Size NPRMS_PARALLEL Maximum number of parallel devices, 5 PRMs master-slave configuration Power Output Specifications: Remote Sense Operation Output Voltage Range VOUT 20.0 55.0 V Remote Sense Operation within an array, 7.5 A Rated Current Within an Array IOUT_ARRAY up to 5°C case temperature differential Remote Sense Operation within an array, 5.8 A up to 30°C case temperature differential Remote Sense Operation within an array, 360 W Rated Power Within an Array POUT_ARRAY up to 5°C case temperature differential Remote Sense Operation within an array, 280 W up to 30°C case temperature differential Equal input, output, and CONTROL NODE voltage 5 % at full load; VIN = 48.0 V, VOUT = 48.0 V Equal input, output and CONTROL NODE voltage at full load; Over line and trim, with 25°C ≤ T C ≤ 100°C 10 % Current Sharing Difference IOUT_SHARE_RS and ≤ 5°C part-part temp. mismatch Equal input, output, and CONTROL NODE voltage at full load; Over line and trim, 15 % with 25°C ≤ T C ≤ 100°C and ≤ 30°C part-part temp. mismatch (worst case) Maximum Array Size NPRMS_PARALLEL Maximum number of parallel devices, Remote Sense 10 PRMs configuration, CONTROL NODE externally driven |
Similar Part No. - PRM48AF480T400A00 |
|
Similar Description - PRM48AF480T400A00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |