Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48BH480T200B00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PRM48BH480T200B00
Description  High Efficiency Remote Sense PRM Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BH480T200B00 Datasheet(HTML) 3 Page - Vicor Corporation

  PRM48BH480T200B00 Datasheet HTML 1Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 2Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 3Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 4Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 5Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 6Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 7Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 8Page - Vicor Corporation PRM48BH480T200B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PRM48BH480T200B00
PRM® Regulator
Page 3 of 22
Rev 1.1
7/2015
vicorpower.com
800 927. 9474
 
 
 
 
3.0 SIGNAL CHARACTERISTICS
Specifications apply over all line and load conditions, TJ = 25 ºC and Output Voltage from 20 V to 55 V, unless otherwise
noted. Boldface specifications apply over the temperature range of -40 ºC < TJ < 125 ºC (T-grade).
 
Primary Control
PC
• The PC pin enables and disables the PRM
• In PRM array configurations, PC pins should be connected in order to synchronize startup.
• It is a weak pull-down during any fault mode excluding short circuit. PC is a strong pull-down to SG if a Short Circuit fault is latched.
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
Analog Output
Regular
Operation
PC Voltage
VPC
4.7
5.3
V
PC Available Current
IPC_OP
1.8
mA
Startup
PC Source Current
IPC_EN
After TOFF
90
µA
Minimum Time to Start
TOFF
Section 5.0
10.0
18.0
30.0
ms
 
Digital Input / Output
Startup
PC Enable Threshold
VPC_EN
2.50
3.20
V
Standby
PC Disable Threshold
VPC_DIS
1.75
2.40
V
PC Resistance to disable
RPC_EXT
Max Resistance to SG required to disable the PRM
300
Digital Output [Short Circuit Fault]
Fault
PC Sink Current to SG
IPC_SC
Short circuit, PC Voltage 1 V or above
25
mA
Digital Output [All other Faults]
Fault
PC Sink Current to ~1V
IPC_FAULT Temperature, Over- and Under-Voltage, Overcurrent
10
µΑ
 
Voltage Source
VS
• Intended to power feedback components and/or auxiliary circuits.
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
 
Analog Output
 
Regular
Operation
VS Voltage
VVS
8.55
9.00
9.45
V
VS Available Current
IVS
5
mA
VS Voltage Ripple
VVS_PP
Iout = 0A, Cvs_ext=0. Maximum specification
includes powertrain operation in burst mode.
 
100
400
mV
Transition
VS Capacitance (External)
CVS_EXT
0.04
µF
VS Fault Response Time
TFR_VS
From fault recognition to VS = 1.5 V
30
µs
 
Reference Enable
RE
• RE signals successful startup and powertrain ready to operate
• Regulated, delayed voltage source intended to power the feedback circuit voltage reference and current monitor
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
 
 
Analog Output
 
Regular
Operation
RE Voltage
VRE
3.0
3.3
3.6
V
RE Available Current
IRE
8.0
mA
RE Regulation
%RE
across load and temperature
±2.5
%
RE Voltage Ripple
VRE_PP
includes powertrain in burst mode
100
mV
 
Transition
PC to RE Delay
TPC_RE
Fault detected
100
µs
RE Capacitance (External)
CRE_EXT
0.1
µF
VS to RE Delay
TVS_RE
VS = 8.1 V to RE high, VIN > VIN_UVLO-
1
ms
 
Control Node
PR
• Modulator control node input
• Sinks constant current when externally driven
• Sources current when pulled below active range
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
Analog Input
 
Regular
Operation
PR Voltage Active Range
VPR
0.79
7.40
V
PR Source Current
IPR
VPR 0.79V
2
mA
PR Sink Current
IPR_Low
VPR > 0.79V
250
500
750
µA
PR Resistance to SG (Internal)
RPR
93.3
kΩ
 
Current Feedback
IF
• A voltage proportional to the PRM output current must be supplied externally to the IF pin in order for the device to properly protect overcurrent events and to enable output current limit (clamp)
• Overcurrent protection trip will cause instantaneous powertrain disable, latched after TBLANK
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
 
 
Analog Input
 
Regular
Operation
Current Limit (clamp) Threshold
VIF_IL
VIN = 45 V; TJ = 25 °C
1.90
2.00
2.10
V
Overcurrent Protection Threshold
VIF_OC
Not Production Tested; Guaranteed by Design;
TJ = 25 °C
2.58
2.69
2.80
IF Input Impedance
RIF
2.11
2.13
2.15
kΩ
Current Limit Bandwidth
BWIL
2
kHz


Similar Part No. - PRM48BH480T200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
More results

Similar Description - PRM48BH480T200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BX480Y600A00 VICOR-PRM48BX480Y600A00 Datasheet
802Kb / 22P
   High Efficiency Remote Sense PRM Converter
PRM48BF480T400B00 VICOR-PRM48BF480T400B00 Datasheet
933Kb / 22P
   High Efficiency Remote Sense PRM Converter
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
347Kb / 16P
   Virtual Remote Sense Controller
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com