Electronic Components Datasheet Search |
|
LFV200-XXSNACPV Datasheet(PDF) 2 Page - SICK AG |
|
LFV200-XXSNACPV Datasheet(HTML) 2 Page - SICK AG |
2 / 4 page A B C D E F H I J K L M N O P Q R S T LFV200-XXSNACPV | LFV200 LEVEL SENSORS Illustration may differ Ordering information Type Part no. LFV200-XXSNACPV 6036370 Other models and accessories www.sick.com/LFV200 Detailed technical data Features Medium Fluids Measurement Switch Probe length 38 mm Process pressure –1 bar ... 64 bar Process temperature –40 °C ... +100 °C Fill material density ≥ 0.7 g/cm³ Performance Accuracy of sensor element ± 2 mm Repeatability ≤ 1 mm Viscosity 0.1 mPas ... 10,000 mPas Resolution ≤ 1 mm Response time 500 ms Electronics Supply voltage 20 V AC/DC ... 253 V AC/DC Power consumption ≤ 4.2 mA Initialization time < 3 s VDE protection class 1 ✔ Electrical connection Valve plug DIN 43650 Hysteresis 2 mm Output current < 250 mA Inductive load ≤ 1 H Capacitive load 100 nF Enclosure rating IP 65 Temperature drift 0.03 mm/K 2 FLUID SENSORS | SICK Online data sheet | 2016-05-11 15:58:08 Subject to change without notice |
Similar Part No. - LFV200-XXSNACPV |
|
Similar Description - LFV200-XXSNACPV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |