Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5733LDCA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5733LDCA
Description  Digital Input Audio Power Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5733LDCA Datasheet(HTML) 3 Page - Texas Instruments

  TAS5733LDCA Datasheet HTML 1Page - Texas Instruments TAS5733LDCA Datasheet HTML 2Page - Texas Instruments TAS5733LDCA Datasheet HTML 3Page - Texas Instruments TAS5733LDCA Datasheet HTML 4Page - Texas Instruments TAS5733LDCA Datasheet HTML 5Page - Texas Instruments TAS5733LDCA Datasheet HTML 6Page - Texas Instruments TAS5733LDCA Datasheet HTML 7Page - Texas Instruments TAS5733LDCA Datasheet HTML 8Page - Texas Instruments TAS5733LDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
PowerPAD
TM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
BSTRP _B
AMP_OUT _B
AMP_OUT _B
PGND
PGND
AMP_OUT _A
PVDD
PVDD
BSTRP _A
SSTIMER
PBTL
NC
NC
PLL _GND
PLL _FLTM
PLL _FLTP
AVDD _REF
AVDD
ADR / FAULT
MCLK
OSC_RES
OSC _GND
DVDD_REG
PDN
BSTRP _C
AMP_OUT _C
AMP_OUT _C
PGND
PGND
AMP_OUT _D
PVDD
PVDD
BSTRP _D
GVDD _REG
AVDD_ REG
NC
NC
AGND
DGND
DVDD
TEST
RST
NC
SCL
SDA
SDIN
SCLK
LRCLK
3
TAS5733L
www.ti.com
SLASE77A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TAS5733L
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
5 Pin Configuration and Functions
DCA Package
48-Pin HTSSOP With PowerPAD™
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ADR/FAULT
19
DI/DO
Dual function terminal which sets the LSB of the I²C Address to 0 if pulled to GND, 1 if
pulled to AVDD. Also, if configured to be a fault output by the methods described in the
Fault Indication section, this terminal will be pulled low when an internal fault occurs.
AGND
35
P
Ground reference for analog circuitry (NOTE: This terminal should be connected to the
system ground)
AMP_OUT_A
6
AO
Speaker amplifier outputs
AMP_OUT_B
2
3
AMP_OUT_C
46
47
AMP_OUT_D
43
AVDD
18
P
Power supply for internal analog circuitry
AVDD_REF
17
P
Internal power supply (NOTE: This terminal is provided as a connection point for filtering
capacitors for this supply and must not be used to power any external circuitry)
AVDD_REG
38
P
Voltage regulator derived from AVDD supply (NOTE: This terminal is provided as a
connection point for filtering capacitors for this supply and must not be used to power
any external circuitry)
BSTRP_A
9
P
Connection points to for the bootstrap capacitors, which are used to create a power
supply for the gate drive for the high-side device
BSTRP_B
1
BSTRP_C
48
BSTRP_D
40
DGND
34
P
Ground reference for digital circuitry (NOTE: This terminal should be connected to the
system ground)
DVDD
33
P
Power supply for the internal digital circuitry
DVDD_REG
23
P
Voltage regulator derived from DVDD supply (NOTE: This terminal is provided as a
connection point for filtering capacitors for this supply and must not be used to power
any external circuitry)
GVDD_REG
39
P
Voltage regulator derived from PVDD supply (NOTE: This terminal is provided as a
connection point for filtering capacitors for this supply and must not be used to power
any external circuitry)
LRCLK
25
DI
Word select clock for the digital signal that is active on the input data line of the serial
port


Similar Part No. - TAS5733LDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731 TI1-TAS5731 Datasheet
1Mb / 58P
[Old version datasheet]   2 횞 20-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5731M TI1-TAS5731M Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5731MPHP TI1-TAS5731MPHP Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5731MPHP TI1-TAS5731MPHP Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5731MPHPR TI1-TAS5731MPHPR Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
More results

Similar Description - TAS5733LDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721 TI1-TAS5721_16 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5727 TI1-TAS5727_16 Datasheet
1Mb / 70P
[Old version datasheet]   Digital Audio Power Amplifier
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com