Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5751MDCA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5751MDCA
Description  Digital Input Audio Power Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5751MDCA Datasheet(HTML) 4 Page - Texas Instruments

  TAS5751MDCA Datasheet HTML 1Page - Texas Instruments TAS5751MDCA Datasheet HTML 2Page - Texas Instruments TAS5751MDCA Datasheet HTML 3Page - Texas Instruments TAS5751MDCA Datasheet HTML 4Page - Texas Instruments TAS5751MDCA Datasheet HTML 5Page - Texas Instruments TAS5751MDCA Datasheet HTML 6Page - Texas Instruments TAS5751MDCA Datasheet HTML 7Page - Texas Instruments TAS5751MDCA Datasheet HTML 8Page - Texas Instruments TAS5751MDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4
TAS5751M
SLASEC1A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5751M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
(2)
Although these pins are not connected internally, optimum thermal performance is realized when these pins are connected to the ground
plane. Doing so allows copper on the PCB to fill up to and including these pins, providing a path for heat to conduct away from the
device and into the surrounding PCB area.
MCLK
20
DI
Master clock used for internal clock tree and sub-circuit/state machine clocking
NC(2)
12
P
Not connected inside the device (all "no connect" terminals should be connected to
system ground)
13
30
36
37
OSC_GND
22
P
Ground reference for oscillator circuitry (NOTE: These terminals should be connected to
the system ground)
OSC_RES
21
AO
Connection point for precision resistor used by internal oscillator circuit. Details for this
resistor are shown in the Typical Applications section
PBTL
11
DI
Places the power stage in BTL mode when pulled low, or in PBTL mode when pulled
high
PDN
24
DI
Places the device in power down when pulled low
PGND
4
Ground reference for power device circuitry (NOTE: This terminal should be connected
to the system ground)
5
44
45
PLL_FLTM
15
AO
Negative connection point for the PLL loop filter components
PLL_FLTP
16
AO
Positive connection point for the PLL loop filter components
PLL_GND
14
P
Ground reference for PLL circuitry (NOTE: This terminal should be connected to the
system ground)
PVDD
7
P
Power supply for internal power circuitry
8
41
42
RST
31
DI
Places the devices in reset when pulled low
SCL
29
DI
I²C serial control port clock
SCLK
26
DI
Bit clock for the digital signal that is active on the input data line of the serial data port
SDA
28
DI/DO
I²C serial control port data
SDIN
27
DI
Data line to the serial data port
SSTIMER
10
AO
Connection point for the capacitor that is used by the ramp timing circuit, as described in
the SSTIMER Pin Functionality section
TEST
32
Used by TI for testing during device production (NOTE: This terminal should be
connected to system ground)
PowerPAD
P
Exposed metal pad on the underside of the device, which serves as an electrical
connection point for ground as well as a heat conduction path from the device into the
board (NOTE: This terminal should be connected to ground through a land pattern
defined in the Mechanical Data section)


Similar Part No. - TAS5751MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5753MD TI1-TAS5753MD Datasheet
147Kb / 8P
[Old version datasheet]   Digital Input Audio Power Amplifier with EQ and 3-Band AGL
TAS5753MDDCA TI1-TAS5753MDDCA Datasheet
147Kb / 8P
[Old version datasheet]   Digital Input Audio Power Amplifier with EQ and 3-Band AGL
TAS5753MDDCAR TI1-TAS5753MDDCAR Datasheet
147Kb / 8P
[Old version datasheet]   Digital Input Audio Power Amplifier with EQ and 3-Band AGL
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5754MDCA TI1-TAS5754MDCA Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
More results

Similar Description - TAS5751MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TAS5731M TI1-TAS5731M_15 Datasheet
2Mb / 81P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721 TI1-TAS5721_16 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5727 TI1-TAS5727_16 Datasheet
1Mb / 70P
[Old version datasheet]   Digital Audio Power Amplifier
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com