Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2080D1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA2080D1
Description  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2080D1_16 Datasheet HTML 2Page - Texas Instruments TPA2080D1_16 Datasheet HTML 3Page - Texas Instruments TPA2080D1_16 Datasheet HTML 4Page - Texas Instruments TPA2080D1_16 Datasheet HTML 5Page - Texas Instruments TPA2080D1_16 Datasheet HTML 6Page - Texas Instruments TPA2080D1_16 Datasheet HTML 7Page - Texas Instruments TPA2080D1_16 Datasheet HTML 8Page - Texas Instruments TPA2080D1_16 Datasheet HTML 9Page - Texas Instruments TPA2080D1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
TPA2080D1
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA2080D1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
A-weighted
7.6 Operating Characteristics
VBAT= 3.6 V, EN = VBAT, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
PVDD
Boost converter output voltage range
IBOOST = 0 mA
5.4
5.75
6.4
V
IBOOST = 700 mA
5.6
IL
Boost converter input current limit
Power supply current
1800
mA
Boost converter start-up current limit
Boost converter starts up from full shutdown
600
Boost converter wakes up from auto-pass
through mode
1000
fBOOST
Boost converter frequency
1.2
MHz
CLASS-D AMPLIFIER
PO
Output power
THD = 1%, VBAT = 2.5 V, f = 1 kHz
1440
mW
THD = 1%, VBAT = 3 V, f = 1 kHz
1750
THD = 1%, VBAT = 3.6 V, f = 1 kHz
1900
THD = 1%, VBAT = 2.5 V, f = 1 kHz, RL = 4 Ω +
33 µH
1460
THD = 1%, VBAT = 3 V, f = 1 kHz, RL = 4 Ω +
33 µH
1800
THD = 1%, VBAT = 3.6 V, f = 1 kHz, RL = 4 Ω +
33 µH
2280
AV
Voltage gain
19.5
20
20.5
dB
VOOS
Output offset voltage
2
10
mV
Short-circuit protection threshold current
2
A
RIN
Input impedance (per input pin)
24
k
Input impedance in shutdown (per input
pin)
EN = 0 V
1300
ZO
Output impedance in shutdown
2
k
Maximum input voltage swing
EN = 0 V
2
VRMS
Boost converter auto-pass through
threshold
Class-D output voltage threshold when boost
converter automatically turns on
2
VPK
fCLASS-D
Class-D switching frequency
275
300
325
kHz
η
Class-D and boost combined efficiency
PO = 500 mW, VBAT = 3.6 V
90%
EN
Noise output voltage
A-weighted
49
μVRMS
Unweighted
65
SNR
Signal-to-noise ratio
1.7 W, RL = 8 Ω + 33 µH. A-weighted
97.5
dB
1.7 W, RL = 8 Ω + 33 µH. Unweighted
95
2 W, RL = 4 Ω + 33 µH. A-weighted
95
2 W, RL = 4 Ω + 33 µH. Unweighted
93
THD+N
Total harmonic distortion plus noise(1)
PO = 100 mW, f = 1 kHz
0.06%
PO = 500 mW, f = 1 kHz
0.07%
PO = 1.7 W, f = 1 kHz, RL = 8 Ω + 33 µH
0.07%
PO = 2 W, f = 1 kHz, RL = 4 Ω + 33 µH
0.15%
AC
PSRR
AC-Power supply ripple rejection (output
referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 217
Hz
62.5
dB
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
62.5
AC
CMRR
AC-Common mode rejection ratio (output
referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 217
Hz
71
dB
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
71


Similar Part No. - TPA2080D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Similar Description - TPA2080D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com