Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2080D1YZGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2080D1YZGR
Description  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2080D1YZGR Datasheet HTML 3Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 4Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 5Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 9Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 10Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 225 mW
PO = 560 mW
PO = 1 W
PO = 1.7 W
VBAT = 3.6 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 62 mW
PO = 450 mW
PO = 1.1 W
PO = 2 W
VBAT = 3.6 V
RL = 4 Ω + 33 µH
Gain = 20 dB
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
VBAT − Supply Voltage − V
2.3
2.8
3.3
3.8
4.3
4.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
THD + N = 10%
THD + N = 1%
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
VBAT − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
THD + N = 10%
THD + N = 1%
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
7
TPA2080D1
www.ti.com
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
Product Folder Links: TPA2080D1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VBAT = 3.6 V, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, EN = VBAT, and Load = 8 Ω + 33 µH, no ferrite bead unless otherwise
specified.
Figure 1. Output Power vs Supply Voltage
Figure 2. Output Power vs Supply Voltage
Figure 3. Total Supply Current vs Output Power
Figure 4. Total Supply Current vs Output Power
Figure 5. THD+N vs Frequency
Figure 6. THD+N vs Frequency


Similar Part No. - TPA2080D1YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1YZGR TI1-TPA2080D1YZGR Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Similar Description - TPA2080D1YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com