Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3245D2DDVR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3245D2DDVR
Description  200W Mono PurePath Ultra-HD Analog-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3245D2DDVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3245D2DDVR Datasheet HTML 6Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 7Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 8Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 9Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 10Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 11Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 12Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 13Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TPA3245
SLASEC7 – APRIL 2016
www.ti.com
Product Folder Links: TPA3245
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 4. Device Protection
OC_ADJ Resistor Value
Protection Mode
OC Threshold
22k
Ω
CB3C
16.3A
24k
Ω
CB3C
15.1A
27k
Ω
CB3C
13.5A
30k
Ω
CB3C
12.3A
47k
Ω
Latched OC
16.3A
51k
Ω
Latched OC
15.1A
56k
Ω
Latched OC
13.5A
64k
Ω
Latched OC
12.3A
7.4.2 DC Speaker Protection
The output DC protection scheme protects a connected speaker from excess DC current caused by a speaker
wire accidentally shorted to chassis ground. Such a short circuit results in a DC voltage of PVDD/2 across the
speaker, which potentially can result in destructive current levels. The output DC protection detects any
unbalance of the output and input current of a BTL output, and in the event of the unbalance exceeding a
programmed threshold, the overload counter increments until its maximum value and the affected output channel
is shut down. DC Speaker Protection is disabled in PBTL and SE mode operation.
7.4.3 Pin-to-Pin Short Circuit Protection (PPSC)
The PPSC detection system protects the device from permanent damage in the case that a power output pin
(OUT_X) is shorted to GND_X or PVDD_X. For comparison, the OC protection system detects an overcurrent
after the demodulation filter where PPSC detects shorts directly at the pin before the filter. PPSC detection is
performed at startup i.e. when VDD is supplied, consequently a short to either GND_X or PVDD_X after system
startup does not activate the PPSC detection system. When PPSC detection is activated by a short on the
output, all half bridges are kept in a Hi-Z state until the short is removed; the device then continues the startup
sequence and starts switching. The detection is controlled globally by a two step sequence. The first step
ensures that there are no shorts from OUT_X to GND_X, the second step tests that there are no shorts from
OUT_X to PVDD_X. The total duration of this process is roughly proportional to the capacitance of the output LC
filter. The typical duration is < 15ms/
μF. While the PPSC detection is in progress, FAULT is kept low, and the
device will not react to changes applied to the RESET pin. If no shorts are present the PPSC detection passes,
and FAULT is released. A device reset will not start a new PPSC detection. PPSC detection is enabled in BTL
and PBTL output configurations, the detection is not performed in SE mode. To make sure not to trip the PPSC
detection system it is recommended not to insert a resistive load to GND_X or PVDD_X.
7.4.4 Overtemperature Protection OTW and OTE
TPA3245 has a two-level temperature-protection system that asserts an active-low warning signal (CLIP_OTW)
when the device junction temperature exceeds 125°C (typical) and, if the device junction temperature exceeds
155°C (typical), the device is put into thermal shutdown, resulting in all half-bridge outputs being set in the high-
impedance (Hi-Z) state and FAULT being asserted low. OTE is latched in this case. To clear the OTE latch,
RESET must be asserted. Thereafter, the device resumes normal operation.
7.4.5 Undervoltage Protection (UVP) and Power-on Reset (POR)
The UVP and POR circuits of the TPA3245 fully protect the device in any power-up/down and brownout situation.
While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are fully
operational when the GVDD_X and VDD supply voltages reach stated in the Electrical Characteristics table.
Although GVDD_X and VDD are independently monitored, a supply voltage drop below the UVP threshold on
any VDD or GVDD_X pin results in all half-bridge outputs immediately being set in the high-impedance (Hi-Z)
state and FAULT being asserted low. The device automatically resumes operation when all supply voltages have
increased above the UVP threshold.


Similar Part No. - TPA3245D2DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3245 TI-TPA3245 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Similar Description - TPA3245D2DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com