Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF521M Datasheet(PDF) 28 Page - SPANSION

Part # MB9BF521M
Description  This document states the current technical specifications regarding
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF521M Datasheet(HTML) 28 Page - SPANSION

Back Button MB9BF521M Datasheet HTML 24Page - SPANSION MB9BF521M Datasheet HTML 25Page - SPANSION MB9BF521M Datasheet HTML 26Page - SPANSION MB9BF521M Datasheet HTML 27Page - SPANSION MB9BF521M Datasheet HTML 28Page - SPANSION MB9BF521M Datasheet HTML 29Page - SPANSION MB9BF521M Datasheet HTML 30Page - SPANSION MB9BF521M Datasheet HTML 31Page - SPANSION MB9BF521M Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B520M_DS706-00048-3v0-E
25
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Base Timer
0
TIOA0_1
Base timer ch.0 TIOA pin
14
H1
10
6
TIOB0_0
Base timer ch.0 TIOB pin
30
K6
22
18
TIOB0_1
9
E2
5
-
Base Timer
1
TIOA1_1
Base timer ch.1 TIOA pin
15
H2
11
7
TIOA1_2
5
D1
-
-
TIOB1_0
Base timer ch.1 TIOB pin
31
J6
23
19
TIOB1_1
10
E3
6
-
TIOB1_2
6
D2
-
-
Base Timer
2
TIOA2_1
Base timer ch.2 TIOA pin
16
H3
12
8
TIOA2_2
76
C4
60
44
TIOB2_0
Base timer ch.2 TIOB pin
32
L7
24
-
TIOB2_1
11
G1
7
-
TIOB2_2
75
B4
59
43
Base Timer
3
TIOA3_1
Base timer ch.3 TIOA pin
17
J1
13
9
TIOA3_2
70
B6
-
-
TIOB3_0
Base timer ch.3 TIOB pin
33
K7
25
-
TIOB3_1
12
G2
8
-
TIOB3_2
71
C6
-
-
Base Timer
4
TIOA4_0
Base timer ch.4 TIOA pin
21
L5
-
-
TIOA4_1
18
J2
14
10
TIOB4_0
Base timer ch.4 TIOB pin
34
J7
26
-
Base Timer
5
TIOA5_0
Base timer ch.5 TIOA pin
22
K5
-
-
TIOA5_1
19
J4
15
11
TIOB5_0
Base timer ch.5 TIOB pin
35
K8
27
-
Base Timer
6
TIOA6_1
Base timer ch.6 TIOA pin
69
B7
56
-
TIOB6_1
Base timer ch.6 TIOB pin
68
C7
55
-
Base Timer
7
TIOA7_1
Base timer ch.7 TIOA pin
57
D10
46
34
TIOB7_1
Base timer ch.7 TIOB pin
58
D9
47
35
Debugger
SWCLK
Serial wire debug interface clock input
pin
62
B9
50
38
SWDIO
Serial wire debug interface data input /
output pin
64
A9
52
40
SWO
Serial wire viewer output pin
65
B8
53
41
TCK
J-TAG test clock input pin
62
B9
50
38
TDI
J-TAG test data input pin
63
B11
51
39
TDO
J-TAG debug data output pin
65
B8
53
41
TMS
J-TAG test mode state input/output pin
64
A9
52
40
TRSTX
J-TAG test reset input pin
61
A10
49
37


Similar Part No. - MB9BF521M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF521MBGL-GE1 CYPRESS-MB9BF521MBGL-GE1 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF521MPMC-G-JNE2 CYPRESS-MB9BF521MPMC-G-JNE2 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9BF521MPMC1-G-JNE2 CYPRESS-MB9BF521MPMC1-G-JNE2 Datasheet
2Mb / 108P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF521M

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com