Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4760A Datasheet(PDF) 5 Page - Suntan Capacitors

Part # 1N4760A
Description  For use in stabilizing and clipping circuits with high
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4760A Datasheet(HTML) 5 Page - Suntan Capacitors

  1N4760A Datasheet HTML 1Page - Suntan Capacitors 1N4760A Datasheet HTML 2Page - Suntan Capacitors 1N4760A Datasheet HTML 3Page - Suntan Capacitors 1N4760A Datasheet HTML 4Page - Suntan Capacitors 1N4760A Datasheet HTML 5Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Suntan®
RATINGS AND CHARACTERISTIC CURVES 1N4727A...1N4761A
Suntan Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
®


Similar Part No. - 1N4760A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4760A VISHAY-1N4760A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Sangdest Microelectroni...
1N4760A SMC-1N4760A Datasheet
170Kb / 5P
   ZENER DIODES
logo
RFE international
1N4760A RFE-1N4760A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
List of Unclassifed Man...
1N4760A ETC-1N4760A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Dongguan City Niuhang E...
1N4760A NIUHANG-1N4760A Datasheet
354Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Similar Description - 1N4760A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1N4727A LEIDITECH-1N4727A Datasheet
763Kb / 4P
   for use in stabilizing and clipping circuits with high power rating.
logo
Suntan Capacitors
ZM4728 SUNTAN-ZM4728 Datasheet
471Kb / 4P
   For use in stabilizing and clipping circuits with high power rating
logo
Shanghai Leiditech Elec...
ZM4721 LEIDITECH-ZM4721 Datasheet
791Kb / 3P
   for use in stabilizing and clipping circuits with high power rating.
logo
NXP Semiconductors
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
   PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
   For use in Muting and Switching Applications
logo
Schurter Inc.
FPG7 SCHURTER-FPG7_15 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
Amphenol Corporation
JW-13 AMPHENOL-JW-13 Datasheet
80Kb / 4P
   Suitable for use in conditions of high
logo
Sanyo Semicon Device
GMA01 SANYO-GMA01 Datasheet
50Kb / 2P
   Very High-Speed Switching, Bias Stabilizing Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com