Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVTM36BF015M080A00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # MVTM36BF015M080A00
Description  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF015M080A00 Datasheet(HTML) 1 Page - Vicor Corporation

  MVTM36BF015M080A00 Datasheet HTML 1Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF015M080A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 1 of 31
07/2015
800 927.9474
S
NRTL
CUS
VTM® Current Multiplier
High Efficiency, Sine Amplitude Converter™ (SAC™)
MIL-COTS
MVTM36 Series
Features
Family of MIL-COTs current multipliers
covering output voltages from 1 to 50 Vdc
n Operating from MIL-COTs PRM® modules
High efficiency reduces system power consumption
High density provides isolated regulated system
and saves space
VI Chip® package enables surface mount or through hole,
low impedance interconnect to system board
Contains built-in protection features against:
n Overvoltage
n Overcurrent
n Short Circuit
n Overtemperature
ZVS/ZCS resonant Sine Amplitude Converter topology
Less than 50ºC temperature rise at full load
in typical applications
Typical Applications
Land/Air/Sea Unmanned Vehicles/Drones
Scanning Equipment
Radar
Mobile Weapons
Hybrid Vehicles
Product Description
The VI Chip® current multiplier is a high efficiency
Sine Amplitude Converter™ (SAC™) operating from a
26 to 50 Vdc primary bus to deliver an isolated output.
The Sine Amplitude Converter offers a low AC impedance
beyond the bandwidth of most downstream regulators, which
means that capacitance normally at the load can be located
at the input to the Sine Amplitude Converter. This allows for a
reduction in point of load capacitance of typically >100x which
results in a saving of board area, materials and
total system cost.
The VTM current multiplier is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to large thermal interface
area and superior thermal conductivity. With high conversion
efficiency the VTM current multiplier increases overall system
efficiency and lowers operating costs compared to
conventional approaches.
The VTM current multiplier enables the utilization of
Factorized Power Architecture providing efficiency and size
benefits by lowering conversion and distribution losses and
promoting high density point of load conversion.
Product Ratings
VIN = 26.0 V to 50.0 V
POUT = up to 150 W
VOUT = 1.0 V to 50.0 V
(various models)
IOUT = up to 80 A


Similar Part No. - MVTM36BF015M080A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF045M027A00 VICOR-MVTM36BF045M027A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF060M020A00 VICOR-MVTM36BF060M020A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF072M017A00 VICOR-MVTM36BF072M017A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Similar Description - MVTM36BF015M080A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com