Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STZ8042 Datasheet(PDF) 5 Page - Solid State Optronic

Part # STZ8042
Description  High Isolation Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8042 Datasheet(HTML) 5 Page - Solid State Optronic

  STZ8042 Datasheet HTML 1Page - Solid State Optronic STZ8042 Datasheet HTML 2Page - Solid State Optronic STZ8042 Datasheet HTML 3Page - Solid State Optronic STZ8042 Datasheet HTML 4Page - Solid State Optronic STZ8042 Datasheet HTML 5Page - Solid State Optronic STZ8042 Datasheet HTML 6Page - Solid State Optronic STZ8042 Datasheet HTML 7Page - Solid State Optronic STZ8042 Datasheet HTML 8Page - Solid State Optronic STZ8042 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2016 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4400
Page 5 of 9
STZ8042 H/S/TR
Rev 2.00 (02/29/2016)
003109
STZ8042
Zero Cross
400V / 0.8A
AC Solid State Relay
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
STZ8042 Solder Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence
Figure 1


Similar Part No. - STZ8042

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STZ8043 SEMTECH_ELEC-STZ8043 Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8043 HTSEMI-STZ8043 Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
logo
Solid State Optronic
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
   Zero Cross Switching
logo
SEMTECH ELECTRONICS LTD...
STZ8043A SEMTECH_ELEC-STZ8043A Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8043A HTSEMI-STZ8043A Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
More results

Similar Description - STZ8042

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
   High Isolation Voltage
logo
Analog Technologies, In...
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
   High Voltage Isolation Amplifier
7/5/2021
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
   High voltage 650V isolation
logo
Analog Technologies, In...
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com