Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC75A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 1.5SMC75A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1.5SMC75A Datasheet(HTML) 2 Page - Nanjing International Group Co

  1.5SMC75A Datasheet HTML 1Page - Nanjing International Group Co 1.5SMC75A Datasheet HTML 2Page - Nanjing International Group Co 1.5SMC75A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5SMC22
1.5SMC22C
22
22C
17.8
19.8
24.2
1.0
31.9
47.6
5.0
1.5SMC22A
1.5SMC22CA
22A
22CA
18.8
20.9
23.1
1.0
30.6
49.7
5.0
1.5SMC24
1.5SMC24C
24
24C
19.4
21.6
26.4
1.0
34.7
43.8
5.0
1.5SMC24A
1.5SMC24CA
24A
24CA
20.5
22.8
25.2
1.0
33.2
45.8
5.0
1.5SMC27
1.5SMC27C
27
27C
21.8
24.3
29.7
1.0
39.1
38.9
5.0
1.5SMC27A
1.5SMC27CA
27A
27CA
23.1
25.7
28.4
1.0
37.5
40.5
5.0
1.5SMC30
1.5SMC30C
30
30C
24.3
27.0
33.0
1.0
43.5
34.9
5.0
1.5SMC30A
1.5SMC30CA
30A
30CA
25.6
28.5
31.5
1.0
41.4
36.7
5.0
1.5SMC33
1.5SMC33C
33
33C
26.8
29.7
36.3
1.0
47.7
31.9
5.0
1.5SMC33A
1.5SMC33CA
33A
33CA
28.2
31.4
34.7
1.0
45.7
33.3
5.0
1.5SMC36
1.5SMC36C
36
36C
29.1
32.4
39.6
1.0
52.0
29.2
5.0
1.5SMC36A
1.5SMC36CA
36A
36CA
30.8
34.2
37.8
1.0
49.9
30.5
5.0
1.5SMC39
1.5SMC39C
39
39C
31.6
35.1
42.9
1.0
56.4
27.0
5.0
1.5SMC39A
1.5SMC39CA
39A
39CA
33.3
37.1
41.0
1.0
53.9
28.2
5.0
1.5SMC43
1.5SMC43C
43
43C
34.8
38.7
47.3
1.0
61.9
24.6
5.0
1.5SMC43A
1.5SMC43CA
43A
43CA
36.8
40.9
45.2
1.0
59.3
25.6
5.0
1.5SMC47
1.5SMC47C
47
47C
38.1
42.3
51.7
1.0
67.8
22.4
5.0
1.5SMC47A
1.5SMC47CA
47A
47CA
40.2
44.7
49.4
1.0
64.8
23.5
5.0
1.5SMC51
1.5SMC51C
51
51C
41.3
45.9
56.1
1.0
73.5
20.7
5.0
1.5SMC51A
1.5SMC51CA
51A
51CA
43.6
48.5
53.6
1.0
70.1
21.7
5.0
1.5SMC56
1.5SMC56C
56
56C
45.4
50.4
61.6
1.0
80.5
18.9
5.0
1.5SMC56A
1.5SMC56CA
56A
56CA
47.8
53.2
58.8
1.0
77.0
19.7
5.0
1.5SMC62
1.5SMC62C
62
62C
50.2
55.8
68.2
1.0
89.0
17.1
5.0
1.5SMC62A
1.5SMC62CA
62A
62CA
53.0
58.9
65.1
1.0
85.0
17.9
5.0
1.5SMC68
1.5SMC68C
68
68C
55.1
61.2
74.8
1.0
98.0
13.5
5.0
1.5SMC68A
1.5SMC68CA
68A
68CA
58.1
64.6
71.4
1.0
92.0
16.5
5.0
1.5SMC75
1.5SMC75C
75
75C
60.7
67.5
82.5
1.0
108
14.1
5.0
1.5SMC75A
1.5SMC75CA
75A
75CA
64.1
71.3
78.8
1.0
103
14.8
5.0
1.5SMC82
1.5SMC82C
82
82C
66.4
73.8
90.2
1.0
118
12.9
5.0
1.5SMC82A
1.5SMC82CA
82A
82CA
70.1
77.9
86.1
1.0
113
13.5
5.0
1.5SMC91
1.5SMC91C
91
91C
73.7
81.9
100
1.0
131
11.6
5.0
1.5SMC91A
1.5SMC91CA
91A
91CA
77.8
86.5
95.5
1.0
125
12.2
5.0
1.5SMC100
1.5SMC100C
100
100C
81.0
90.0
110
1.0
144
10.6
5.0
1.5SMC100A 1.5SMC100CA
100A
100CA
85.5
95.0
105
1.0
137
11.1
5.0
1.5SMC110
1.5SMC110C
110
110C
89.2
99.0
121
1.0
158
9.6
5.0
1.5SMC110A 1.5SMC110CA
110A
110CA
94.0
105
116
1.0
152
10.0
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
1.5SMC SERIES


Similar Part No. - 1.5SMC75A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC75A CENTRAL-1.5SMC75A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC75A BOURNS-1.5SMC75A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Vishay Siliconix
1.5SMC75A VISHAY-1.5SMC75A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Leiditech Elec...
1.5SMC75A LEIDITECH-1.5SMC75A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
logo
Gaomi Xinghe Electronic...
1.5SMC75A GXELECTRONICS-1.5SMC75A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC75A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com