Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5232B Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 1N5232B
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N5232B Datasheet(HTML) 2 Page - Nanjing International Group Co

  1N5232B Datasheet HTML 1Page - Nanjing International Group Co 1N5232B Datasheet HTML 2Page - Nanjing International Group Co 1N5232B Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5220...1N5267
Characteristics at Ta = 25 OC
Zener Voltage Range
1)
Dynamic Resistance
Reverse Current
Temp. Coefficient of
Zener Voltage
VZnom
VZT
at lZT
ZZT
ZZK
at IZK
IR
at VR
TKVZ
Type
(V)
Min. (V)
Max. (V)
(mA)
Max. (Ω)Max. (Ω)
(mA)
Max. (µA)
(V)
%/K
1N5220B
2.2
2.09
2.31
20
30
1150
0.25
100
1
<-0.085
1N5221B
2.4
2.28
2.52
20
30
1200
0.25
100
1
<-0.085
1N5222B
2.5
2.38
2.62
20
30
1250
0.25
100
1
<-0.085
1N5223B
2.7
2.57
2.83
20
30
1300
0.25
75
1
<-0.080
1N5224B
2.8
2.66
2.94
20
30
1400
0.25
75
1
<-0.080
1N5225B
3
2.85
3.15
20
29
1600
0.25
50
1
<-0.075
1N5226B
3.3
3.14
3.46
20
28
1600
0.25
25
1
<-0.070
1N5227B
3.6
3.42
3.78
20
24
1700
0.25
15
1
<-0.065
1N5228B
3.9
3.71
4.09
20
23
1900
0.25
10
1
<-0.060
1N5229B
4.3
4.09
4.51
20
22
2000
0.25
5
1
<-0.055
1N5230B
4.7
4.47
4.93
20
19
1900
0.25
5
2
<
±0.030
1N5231B
5.1
4.85
5.35
20
17
1600
0.25
5
2
<
±0.030
1N5232B
5.6
5.32
5.88
20
11
1600
0.25
5
3
<+0.038
1N5233B
6
5.7
6.3
20
7
1600
0.25
5
3.5
<+0.038
1N5234B
6.2
5.89
6.51
20
7
1000
0.25
5
4
<+0.045
1N5235B
6.8
6.46
7.14
20
5
750
0.25
3
5
<+0.050
1N5236B
7.5
7.13
7.87
20
6
500
0.25
3
6
<+0.058
1N5237B
8.2
7.79
8.61
20
8
500
0.25
3
6.5
<+0.062
1N5238B
8.7
8.27
9.13
20
8
600
0.25
3
6.5
<+0.065
1N5239B
9.1
8.65
9.55
20
10
600
0.25
3
7
<+0.068
1N5240B
10
9.5
10.5
20
17
600
0.25
3
8
<+0.075
1N5241B
11
10.45
11.55
20
22
600
0.25
2
8.4
<+0.076
1N5242B
12
11.4
12.6
20
30
600
0.25
1
9.1
<+0.077
1N5243B
13
12.35
13.65
9.5
13
600
0.25
0.5
9.9
<+0.079
1N5244B
14
13.3
14.7
9
15
600
0.25
0.1
10
<+0.082
1N5245B
15
14.25
15.75
8.5
16
600
0.25
0.1
11
<+0.082
1N5246B
16
15.2
16.8
7.8
17
600
0.25
0.1
12
<+0.083
1N5247B
17
16.15
17.85
7.4
19
600
0.25
0.1
13
<+0.084
1N5248B
18
17.1
18.9
7
21
600
0.25
0.1
14
<+0.085
1N5249B
19
18.05
19.95
6.6
23
600
0.25
0.1
14
<+0.086
1N5250B
20
19
21
6.2
25
600
0.25
0.1
15
<+0.086
1N5251B
22
20.9
23.1
5.6
29
600
0.25
0.1
17
<+0.087
1N5252B
24
22.8
25.2
5.2
33
600
0.25
0.1
18
<+0.088
1N5253B
25
23.75
26.25
5
35
600
0.25
0.1
19
<+0.089
1N5254B
27
25.65
28.35
4.6
41
600
0.25
0.1
21
<+0.090
1N5255B
28
26.6
29.4
4.5
44
600
0.25
0.1
21
<+0.091
1N5256B
30
28.5
31.5
4.2
49
600
0.25
0.1
23
<+0.091
1N5257B
33
31.35
34.65
3.8
58
700
0.25
0.1
25
<+0.092
1N5258B
36
34.2
37.8
3.4
70
700
0.25
0.1
27
<+0.093
1N5259B
39
37.05
40.95
3.2
80
800
0.25
0.1
30
<+0.094
1N5260B
43
40.85
45.15
3
93
900
0.25
0.1
33
<+0.095
1N5261B
47
44.65
49.35
2.7
105
1000
0.25
0.1
36
<+0.095
1N5262B
51
48.45
53.55
2.5
125
1100
0.25
0.1
39
<+0.096
1N5263B
56
53.2
58.8
2.2
150
1300
0.25
0.1
43
<+0.096
1N5264B
60
57
63
2.1
170
1400
0.25
0.1
46
<+0.097
1N5265B
62
58.9
65.1
2
185
1400
0.25
0.1
47
<+0.097
1N5266B
68
64.6
71.4
1.8
230
1600
0.25
0.1
52
<+0.097
1N5267B
75
71.25
78.75
1.7
270
1700
0.25
0.1
56
<+0.098
1) Tested with pulses tp = 20 ms.


Similar Part No. - 1N5232B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
1N5232B PFS-1N5232B Datasheet
157Kb / 2P
   Zener diode
logo
Vishay Siliconix
1N5232B VISHAY-1N5232B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5232B SECOS-1N5232B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Gaomi Xinghe Electronic...
1N5232B GXELECTRONICS-1N5232B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Weitron Technology
1N5232B WEITRON-1N5232B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - 1N5232B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com