Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4749A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 1N4749A
Description  Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N4749A Datasheet(HTML) 2 Page - Nanjing International Group Co

  1N4749A Datasheet HTML 1Page - Nanjing International Group Co 1N4749A Datasheet HTML 2Page - Nanjing International Group Co 1N4749A Datasheet HTML 3Page - Nanjing International Group Co 1N4749A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4727A...1N4761A
Characteristics at Ta = 25 OC
Zener Voltage Range
3)
Dynamic Resistance
1)
Reverse Current
Maximum Surge
Current
4)
VZnom
VZT
at lZT
ZZT
ZZK
at IZK
IR
at VR
at Ta = 25 OC
Maximum
Regulator
Current
2)
Type
(V)
(V)
(mA)
Max.(Ω)Max.(Ω)
(mA)
Max.(µA)
(V)
IZSM (mA)
IZM (mA)
1N4727A
3
2.85…3.15
83
10
400
1
150
1
1375
275
1N4728A
3.3
3.13…3.47
76
10
400
1
150
1
1375
275
1N4729A
3.6
3.42…3.78
69
10
400
1
100
1
1260
252
1N4730A
3.9
3.7…4.1
64
9
400
1
100
1
1190
234
1N4731A
4.3
4.08…4.52
58
9
400
1
50
1
1070
217
1N4732A
4.7
4.46…4.94
53
8
500
1
10
1
970
193
1N4733A
5.1
4.84…5.36
49
7
550
1
10
1
890
178
1N4734A
5.6
5.32…5.88
45
5
600
1
10
2
810
162
1N4735A
6.2
5.89…6.51
41
2
700
1
10
3
730
146
1N4736A
6.8
6.46…7.14
37
3.5
700
1
10
4
660
133
1N4737A
7.5
7.12…7.88
34
4
700
0.5
10
5
605
121
1N4738A
8.2
7.79…8.61
31
4.5
700
0.5
10
6
550
110
1N4739A
9.1
8.64…9.56
28
5
700
0.5
10
7
500
100
1N4740A
10
9.5…10.5
25
7
700
0.25
10
7.6
454
91
1N4741A
11
10.45…11.55
23
8
700
0.25
5
8.4
414
83
1N4742A
12
11.4…12.6
21
9
700
0.25
5
9.1
380
76
1N4743A
13
12.35…13.65
19
10
700
0.25
5
9.9
344
69
1N4744A
15
14.25…15.75
17
14
700
0.25
5
11.4
304
61
1N4745A
16
15.2…16.8
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18
17.1…18.9
14
20
750
0.25
5
13.7
250
50
1N4747A
20
19…21
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22
20.9…23.1
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24
22.8…25.2
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27
25.65…28.35
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30
28.5…31.5
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33
31.35…34.65
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36
34.2…37.8
7
50
1000
0.25
5
27.4
125
25
1N4754A
39
37.05…40.95
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43
40.85…45.15
6
70
1500
0.25
5
32.7
110
22
1N4756A
47
44.65…49.35
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51
48.45…53.55
5
95
1500
0.25
5
38.8
90
18
1N4758A
56
53.2…58.8
4.5
110
2000
0.25
5
42.6
80
16
1N4759A
62
58.9…65.1
4
125
2000
0.25
5
47.1
70
14
1N4760A
68
64.6…71.4
3.7
150
2000
0.25
5
51.7
65
13
1N4761A
75
71.25…78.75
3.3
175
2000
0.25
5
56
60
12
1) The dynamic resistance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of
the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Dynamic resistance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses tp = 20 ms.
4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT.


Similar Part No. - 1N4749A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4749A PHILIPS-1N4749A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4749A VISHAY-1N4749A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4749A RENESAS-1N4749A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Yangzhou yangjie electr...
1N4749A YANGJIE-1N4749A Datasheet
160Kb / 3P
   Zener Diodes
logo
List of Unclassifed Man...
1N4749A ETC1-1N4749A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4749A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com