Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS65R220E Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HCS65R220E
Description  Extremely low switching loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS65R220E Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HCS65R220E Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS65R220E Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics T
J=25
C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
20
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
60
V
SD
Source-Drain Diode Forward Voltage
I
S = 20 A, VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
I
S = 20 A, VGS = 0 V
di
F/dt = 100 A/
--
380
--
Qrr
Reverse Recovery Charge
--
5.3
--
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
650
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 650 V, VGS = 0 V
--
--
1
V
DS = 520 V, TJ = 125
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS =
30 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 50 V, VGS = 0 V,
f = 1.0 MHz
--
1440
--
C
oss
Output Capacitance
--
105
--
C
rss
Reverse Transfer Capacitance
--
3.9
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 325 V, ID = 10 A,
R
G = 25
--
44
--
t
r
Turn-On Rise Time
--
20
--
t
d(off)
Turn-Off Delay Time
--
85
--
t
f
Turn-Off Fall Time
--
17
--
Q
g
Total Gate Charge
V
DS = 520 V, ID = 10 A
V
GS = 10 V
--
22
29
nC
Q
gs
Gate-Source Charge
--
8
--
nC
Q
gd
Gate-Drain Charge
--
4
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. I
AS=2.7A, VDD=50V, RG=25
, Starting T
J =25 C
3. Pulse Test : Pulse Width
On Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.5
--
4.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 10 A
--
0.17
0.22


Similar Part No. - HCS65R220E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS65R290E SEMIHOW-HCS65R290E Datasheet
244Kb / 7P
   Extremely low switching loss
More results

Similar Description - HCS65R220E

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R150T SEMIHOW-HCA60R150T Datasheet
287Kb / 7P
   Extremely low switching loss
HCS60R350T SEMIHOW-HCS60R350T Datasheet
204Kb / 7P
   Extremely low switching loss
HCS70R700T SEMIHOW-HCS70R700T Datasheet
203Kb / 7P
   Extremely low switching loss
HCD65R600T SEMIHOW-HCD65R600T Datasheet
300Kb / 8P
   Extremely low switching loss
HCP60R150T SEMIHOW-HCP60R150T Datasheet
257Kb / 7P
   Extremely low switching loss
HCS70R950T SEMIHOW-HCS70R950T Datasheet
214Kb / 7P
   Extremely low switching loss
HCD65R380T SEMIHOW-HCD65R380T Datasheet
295Kb / 8P
   Extremely low switching loss
HCD70R950T SEMIHOW-HCD70R950T Datasheet
396Kb / 9P
   Extremely low switching loss
HCS70R1K4P SEMIHOW-HCS70R1K4P Datasheet
171Kb / 7P
   Extremely low switching loss
HCS60R150T SEMIHOW-HCS60R150T Datasheet
264Kb / 7P
   Extremely low switching loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com