Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ33A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 5.0SMDJ33A
Description  Plastic material has UL flammability classification 94V-O
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

5.0SMDJ33A Datasheet(HTML) 2 Page - Nanjing International Group Co

  5.0SMDJ33A Datasheet HTML 1Page - Nanjing International Group Co 5.0SMDJ33A Datasheet HTML 2Page - Nanjing International Group Co 5.0SMDJ33A Datasheet HTML 3Page - Nanjing International Group Co 5.0SMDJ33A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0SMDJ12A/CA~~ 5.0SMDJ45A/CA
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5.0SMDJ12A
5.0SMDJ15A
5.0SMDJ16A
5.0SMDJ18A
5.0SMDJ12CA
5.0SMDJ15CA
5.0SMDJ16CA
5.0SMDJ18CA
5PEP
5PES
5PET
5PEV
5BEP
5BES
5BET
5BEV
12.0
15.0
16.0
18.0
13.30
16.70
17.80
20.00
14.70
18.50
20.50
22.10
10.0
1.0
1.0
1.0
19.9
24.4
26.0
29.2
252.0
205.0
193.0
172.0
800.0
100.0
50.0
10.0
5.0SMDJ20A
5.0SMDJ22A
5.0SMDJ24A
5.0SMDJ26A
5.0SMDJ20CA
5.0SMDJ22CA
5.0SMDJ24CA
5.0SMDJ26CA
5PEW
5PEX
5PEZ
5PFE
5BEW
5BEX
5BEZ
5BFE
20.0
22.0
24.0
26.0
22.20
24.40
26.70
28.90
24.50
26.90
29.50
31.90
1.0
1.0
1.0
1.0
32.4
35.5
38.9
42.1
155.00
141.00
129.00
119.00
5.0
5.0
5.0
5.0
5.0SMDJ28A
5.0SMDJ30A
5.0SMDJ33A
5.0SMDJ36A
5.0SMDJ28CA
5.0SMDJ30CA
5.0SMDJ33CA
5.0SMDJ36CA
5PFG
5PFK
5PFM
5PFP
5BFG
5BFK
5BFM
5BFP
28.0
30.0
33.0
36.0
31.10
33.30
36.70
40.00
34.40
36.80
40.60
44.20
1.0
1.0
1.0
1.0
45.4
48.4
53.3
58.1
110.00
103.00
93.90
86.10
5.0
5.0
5.0
5.0
5.0SMDJ40A
5.0SMDJ43A
5.0SMDJ45A
5.0SMDJ40CA
5.0SMDJ43CA
5.0SMDJ45CA
5PFR
5PFT
5PFV
5BFR
5BFT
5BFV
40.0
43.0
45.0
44.40
47.80
50.00
49.10
52.80
55.30
1.0
1.0
1.0
64.5
69.4
72.7
77.60
72.10
68.80
5.0
5.0
5.0
For Bi-directional type having VRWM of 20 Volts and less, the IR limit is double


Similar Part No. - 5.0SMDJ33A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
5.0SMDJ33A FS-5.0SMDJ33A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
MDE Semiconductor, Inc.
5.0SMDJ33A MDE-5.0SMDJ33A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ33A GWSEMI-5.0SMDJ33A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5.0SMDJ33A LUGUANG-5.0SMDJ33A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
5.0SMDJ33A YFWDIODE-5.0SMDJ33A Datasheet
655Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 5000Watts
More results

Similar Description - 5.0SMDJ33A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
SMBJ SMC-SMBJ Datasheet
277Kb / 8P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBJ8A FS-GBJ8A Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBU4005 FS-GBU4005 Datasheet
217Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com