Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DDR3212NCE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2DDR3212NCE
Description  1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DDR3212NCE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2DDR3212NCE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DDR3212NCE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.pericom.com
10/23/14
PI2DDR3212
1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
Dynamic Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Units
tstartup
Startup time
Supply voltage valid or EN going
HIGH to channels specified characteristics
5
10
µs
trcfg
Reconfiguration time SEL state change to channel specified operating
characteristics
0.02
0.04
tpd
Propagation delay
From A port to B port or C port or vice versa
60
ps
tsk
Skew time
From any output to any output
18
20
ps
VI
Input Voltage
-0.3
Vdd+0.3 V
B
Bandwidth
-3dB intercept
3.3
GHz
C
Crosstalk attenuation
Adjacent channels are on;
0 ≤ f ≤ 1GHz
-26
dB
I
L
Insertion Loss
0 ≤ f ≤ 1GHz
-0.7
dB
f = 2.5GHz
-2.5
dB
R
L
Input Return Loss
0 ≤ f ≤ 1GHz
-23
dB
OI
Off Isolation
0 ≤ f ≤ 1 GHz
-28
dB
14-0169


Similar Part No. - PI2DDR3212NCE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DDR3212NCEX DIODES-PI2DDR3212NCEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
More results

Similar Description - PI2DDR3212NCE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
PI2SSD3212 DIODES-PI2SSD3212 Datasheet
244Kb / 1P
   1.35V/ 1.5V/1.8V 14 bit 2:1 SSD Switch
logo
NXP Semiconductors
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
logo
Texas Instruments
TS3DDR4000 TI1-TS3DDR4000 Datasheet
697Kb / 25P
[Old version datasheet]   12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
logo
SpectraLinear Inc
CY2SSTU32864 SPECTRALINEAR-CY2SSTU32864 Datasheet
98Kb / 9P
   1.8V, 25-bit (1:1) or 14-bit (1:2) JEDEC-Compliant Data Register
logo
NXP Semiconductors
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
   12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
logo
SpectraLinear Inc
CY2SSTU32866 SPECTRALINEAR-CY2SSTU32866 Datasheet
235Kb / 24P
   1.8V, 25-bit (1:1) of 14-bit (1:2) JEDEC-Compliant Data Register with Parity
logo
NXP Semiconductors
CBTW28DD14 NXP-CBTW28DD14 Datasheet
102Kb / 14P
   14-bit bus switch/multiplexer for DDR2-DDR3 applications
Rev. 2-26 July 2012
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-SG ADVANTECH-AQD-SD3L8GE16-SG Datasheet
213Kb / 12P
   204Pin DDR3 1600 1.35V ECC SO-DIMM
2013-12-23
logo
Pericom Semiconductor C...
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com