Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL-3528UR000MTH Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSL-3528UR000MTH
Description  Wide Viewing Angle 120o
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSL-3528UR000MTH Datasheet(HTML) 1 Page - Suntan Capacitors

  TSL-3528UR000MTH Datasheet HTML 1Page - Suntan Capacitors TSL-3528UR000MTH Datasheet HTML 2Page - Suntan Capacitors TSL-3528UR000MTH Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD TYPE LED
Suntan®
TSL-3528UR000MTH
F E A T U R E S
Wide Viewing Angle 120o
Reflow Solderable
High Luminous Intensity and Low Power Dissipation
Good Reliability and Long Life
Complied With RoHS Directive
A P P L I C A T I O N S
Optical indicator
Indoor display
Backlighting in dashboard and switch
Flat Backlighting for LCD, symbol and display
General use
T E C H N I C A L D A T A S H E E T
This product is generally used as indicator and luminary for electronic equipment such as household appliance, communication
quipment and dashboard.
e
Notes:
1.
All dimension units are millimeters.
2.
All dimension tolerance is ±0.2mm unless otherwise noted.
Selection Guide
Luminous intensity (mcd) @ 20mA
Viewing Angle
Dice
Lens Type
Min
Typ
Max
2Ø1/2
Red
(AIGaInP)
Water Clear
100
250
500
120
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.
The above luminous intensity measurement allowance tolerance ±10%
Electrical / Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max
Units
Test conditions
Forward Voltage
VF
1.8
2.0
2.4
V
IF=20mA
Reverse Current
IR
--
--
10
uA
VR=5V
Dominate Wavelength
λd
620
--
630
nm
IF=20mA
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Units
Power Dissipation
Pd
100
mW
DC Forward Current
IF
25
mA
Peak Forward Current 【1】
IFP
100
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge (HBM)
ESD
±2000
V
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Note:
1.
1/10 Dut cycle, 0.1ms pulse width.
2.
The above forward voltage measure ment allowance tolerance ±0.1V.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSL-3528UR000MTH

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-3528UB000MTH SUNTAN-TSL-3528UB000MTH Datasheet
422Kb / 3P
   Optical indicator
TSL-3528UW000MTH SUNTAN-TSL-3528UW000MTH Datasheet
384Kb / 3P
   Wide Viewing Angle 120o
More results

Similar Description - TSL-3528UR000MTH

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSL-5050UR000MTH SUNTAN-TSL-5050UR000MTH Datasheet
336Kb / 3P
   Wide Viewing Angle 120o
TSL-3528UW000MTH SUNTAN-TSL-3528UW000MTH Datasheet
384Kb / 3P
   Wide Viewing Angle 120o
TSL-5050UW000MTH SUNTAN-TSL-5050UW000MTH Datasheet
351Kb / 3P
   Wide Viewing Angle 120o
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
   Wide viewing angle
Rev. 1.2, 06-Jun-14
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
   Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
   Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
   Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
   Wide viewing angle
APTB1612LVBDZGKC KINGBRIGHT-APTB1612LVBDZGKC Datasheet
325Kb / 6P
   Wide viewing angle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com