Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE2442 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2442
Description  PCI Express 2.0, 2-lane Exchange Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2442 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE2442 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2442 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PI2PCIE2442
PCI Express® 2.0, 2-lane Exchange Switch
www.pericom.com
03/25/14
Pin Description
Pin #
Pin Name
I/O
Description
1
2
A0+
A0–
I/O
Signal I/O, Channel 0, Port A
5
6
A1+
A1–
I/O
Signal I/O, Channel 1, Port A
10
11
A2+
A2–
I/O
Signal I/O, Channel 2, Port A
14
15
A3+
A3–
I/O
Signal I/O, Channel 3, Port A
38
37
B0+
B0−
I/O
Signal I/O, Channel 0, Port B
34
33
B1+
B1−
I/O
Signal I/O, Channel 1, Port B
29
28
B2+
B2−
I/O
Signal I/O, Channel 2, Port B
25
24
B3+
B3−
I/O
Signal I/O, Channel 3, Port B
3
4
C0+
C0–
I/O
Signal I/O, Channel 0, Port C
7
8
C1+
C1–
I/O
Signal I/O, Channel 1, Port C
12
13
C2+
C2–
I/O
Signal I/O, Channel 2, Port C
16
17
C3+
C3−
I/O
Signal I/O, Channel 3, Port C
36
35
D0+
D0−
I/O
Signal I/O, Channel 0, Port D
32
31
D1+
D1−
I/O
Signal I/O, Channel 1, Port D
27
26
D2+
D2−
I/O
Signal I/O, Channel 2, Port D
23
22
D3+
D3−
I/O
Signal I/O, Channel 3, Port D
41
OE#
I
Output Enable, active low. When OE# = 0 the device I/O is enabled. When OE#=1,
all I/O are high impedance
9
SEL
I
Operation mode Select
(when SEL=0: A
B, CD, when SEL=1: AD, C→B)
18, 20, 30, 40, 42
VDD
Pwr
1.5V to 1.8V (±0.1V) Positive Supply Voltage
19, 21, 39, Center
Pad
GND
Pwr
Power ground
14-0034


Similar Part No. - PI2PCIE2442

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2412ZHE PERICOM-PI2PCIE2412ZHE Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2422 PERICOM-PI2PCIE2422 Datasheet
683Kb / 10P
   PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
PI2PCIE2422ZHE PERICOM-PI2PCIE2422ZHE Datasheet
683Kb / 10P
   PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
More results

Similar Description - PI2PCIE2442

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
   3.3V PCI Express 3.0 2-Lane Exchange Switch
logo
Diodes Incorporated
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
   3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
logo
Pericom Semiconductor C...
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
89HPES6T5 IDT-89HPES6T5 Datasheet
461Kb / 28P
   6-Lane 5-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
89PES24N3 IDT-89PES24N3 Datasheet
49Kb / 2P
   24-Lane 3-Port PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com