Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A114-A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3A114-A
Description  Low?밮oltage, 4:1 Mux/Demux with Low-Swing Control Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A114-A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3A114-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A114-A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8962B
10/21/08
PI3A114-A
Low-Voltage, 4:1 Mux/Demux
with Low-Swing Control Inputs
Capacitance
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
CNC (OFF)
Off Capacitance
f = 1MHz, See Test Circuit Figure 7.
15
pF
CNC (ON)
On Capacitance
f = 1MHz, See Test Circuit Figure 8.
25
Switch and AC Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
tON
Turn-On Time
VDD = 2.7V, VIN = 1.5V,
RL = 50Ω, CL = 35pF,
See Test Circuit Figure 1 & 2.
515
ns
tOFF
Turn-Off Time
VDD = 2.7V, VIN = 1.5V,
RL = 50Ω, CL = 35pF,
See Test Circuit Figure 1 & 2.
35
50
Q
Charge Injection
COM = 0, RS = 0, CL = 1nF, VDD = 3.3V See
Test Circuit Figure 4.
15
pC
OIRR
Off-Isolation
CL = 5pF, RL = 50Ω, f = 100kHz,
VIN = 1 VRMS, VDD = 3.3V
See Test Circuit Figure 5.
-95
dB
XTALK
Crosstalk
CL = 5pF, RL = 50Ω, f = 100kHz,
VIN = 1 VRMS, VDD = 3.3V
See Test Circuit Figure 6.
-90
f3dB
3dB Bandwidth
See Test Circuit Figure 9., VDD = 3.3V
250
MHz
tpd(1)
Propogation delay
CL = 5pF, RL = 500km
0.25
ns
Note:
1. This Parameter is not production tested.
08-0231


Similar Part No. - PI3A114-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125 PERICOM-PI3A125 Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BCE PERICOM-PI3A125BCE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BTAE PERICOM-PI3A125BTAE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125CX PERICOM-PI3A125CX Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
More results

Similar Description - PI3A114-A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
   Dual 4:1 Mux/DeMux
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
   8:1 Mux/DeMux
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com