Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A125BTAE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3A125BTAE
Description  SPST Wide Bandwidth Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125BTAE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3A125BTAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125BTAE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0008
PT0448-1
12/19/13
4
PI3A125B
Wide Bandwidth Analog Switch
Switch and AC Characteristics
(1)
Parameter
Description
Test Conditions
Supply Voltage
Temperature
Min.
Typ. Max. Units
tON
Turn-On Time
RL=100Ω, CL=35pF,
See Test Circuit Figure 1.
V+ =3.3V, VNC=3.0V,
VIH=3.0V,
-40~+85°C
-
3.6
6
ns
V+ =5.0V, VNC=3V,
VIL=3V,
-
3
5
tOFF
Turn-Off Time
RL=100Ω, CL=35pF,
See Test Circuit Figure 1.
V+ =3.3V, VNC=3.0V,
VIH=3.0V,
-40~+85°C
-
3
5
ns
V+ =5.0V, VNC=3V,
VIL=3V,
-
2.5
4
Q
Charge Injection
C
L = 1nF, VGEN= 0V,
R
GEN
=50.
See Test Circuit Figure 2.
V+ = 5.0V
+25°C
-
5
-
pC
V+ = 3.3V
-
4
-
OIRR
Off Isolation
R
L=50, VGEN=0V, RGEN
=0, f =10MHz.
See test circuit 5
(3)
V
+ =1.65V to 5.5V
25°C
-
-63
-
dB
f3dB
–3dB Bandwidth See Test Circuit Figure 5. V+ =1.65V to 5.5V
+25°C
-
500
-
MHz
Notes:
1. Guaranteed by design.
2. The device contributes no other propagation delay other than the RC delay of the switch ON resistance and the 35pF load capacitance,
when driven by an ideal voltage source with zero output impedance.


Similar Part No. - PI3A125BTAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125 PERICOM-PI3A125 Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
PI3A125CX PERICOM-PI3A125CX Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
PI3A125TX PERICOM-PI3A125TX Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
More results

Similar Description - PI3A125BTAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
   Single Wide Bandwidth Analog Switch
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
   Wide bandwidth analog switch IC
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com