Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A268C Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3A268C
Description  Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A268C Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3A268C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A268C Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0375-2
04/12/11
5
PI3A268C
Low-Voltage Dual-SPDT (0.5Ω) Analog Switch
with Negative Swing Audio Capability
Test Circuits and Timing Diagrams
Figure 1. On Resistance
Notes:
1. Unused input (NC or NO) must be grounded.
Figure 2. Switching Times
Figure 3. Break Before Make Interval Timing
VDD
VIN
VNO or VNC
NO
NC


Similar Part No. - PI3A268C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212SZLE PERICOM-PI3A212SZLE Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212ZLEX PERICOM-PI3A212ZLEX Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
More results

Similar Description - PI3A268C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270 FAIRCHILD-FSA2270 Datasheet
155Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271T FAIRCHILD-FSA2271T_08 Datasheet
448Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270T FAIRCHILD-FSA2270T_08 Datasheet
410Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271 FAIRCHILD-FSA2271 Datasheet
151Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com