Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A3899ZTE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3A3899ZTE
Description  High Speed, Dual DPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3899ZTE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3A3899ZTE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3899ZTE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-08-0002
PT0447-2
09/29/12
5
PI3A3899
High Speed, Dual DPDT Analog Switch
Figure 4. Off Isolation Test
Figure 5. Channel-to-Channel Cross talk
Figure 6. Bandwidth
VCC
VCC
VCC
VCC
10nF
10nF
VCC
10nF
VCC


Similar Part No. - PI3A3899ZTE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3159 PERICOM-PI3A3159 Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
PI3A3159TEX PERICOM-PI3A3159TEX Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
PI3A3159TX PERICOM-PI3A3159TX Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
PI3A3159ZCEX PERICOM-PI3A3159ZCEX Datasheet
506Kb / 8P
   3.0V, SOTiny 0.4??SPDT Analog Switch
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
   3.0V, SOTiny??0.4??Dual SPDT Analog Switch
More results

Similar Description - PI3A3899ZTE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3670 UNIONSEMI-UM3670 Datasheet
245Kb / 6P
   High Speed, Low Voltage, Dual, DPDT Analog Switch
UM3670 UNIONSEMI-UM3670_16 Datasheet
209Kb / 6P
   High Speed, Low Voltage, Dual, DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
SG Micro Corp
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com