Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX4402DNBE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI2EQX4402DNBE
Description  2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4402DNBE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI2EQX4402DNBE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8875C
07/17/07
PI2EQX4402D
2.5Gbps x2 Lane Serial PCI Express Repeater / Equalizer
with Signal Detect feature
AC/DC Electrical Characteristics for 2.5 Gbps Quad Repeater/Equalizer (VDD = 1.8 ±0.1V)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Ps
Supply Power
EN = LVCMOS Low
0.1
W
EN = LVCMOS High
0.6
Latency
From input to output
2.0
ns
CML Receiver Input
VRX-DIFFP-P
Differential Input Peak-to-
peak Voltage
0.175
1.200
V
VRX-CM-ACP
AC Peak Common Mode
Input Voltage
150
mV
VTH-
Signal Detect Threshold
EN_X = High
120
175
mV
ZRX-DIFF-DC
DC Differential Input
Impedance
80
100
120
ZRX-DC
DC Input Impedance
40
50
60
Equalization
JRS
Residual Jitter(1,2)
Total Jitter
0.3
Ulp-p
Deterministic jitter
0.2
JRM
Random Jitter(1,2)
1.5
psrms
Notes
1. K28.7 pattern is applied differentially at point A as shown in Figure 1.
2. Total jitter does not include the signal source jitter. Total jitter (TJ) = (14.1 × RJ + DJ) where RJ is random RMS jitter and DJ is maximum
deterministic jitter. Signal source is a K28.5 ± pattern (00 1111 1010 11 0000 0101) for the deterministic jitter test and K28.7 (0011111000) or
equivalent for random jitter test. Residual jitter is that which remains after equalizing media-induced losses of the environment of Figure 1 or
its equivalent. The deterministic jitter at point B must be from media-induced loss, and not from clock source modulation. Jitter is measured at
0V at point C of Figure 1.
Storage Temperature........................................................ –65°C to +150°C
Supply Voltage to Ground Potential...................................–0.5V to +2.5V
DC SIG Voltage..........................................................–0.5V to VDD +0.5V
Current Output ................................................................-25mA to +25mA
Power Dissipation Continous......................................................... 800mW
Operating Temperature.............................................................. 0 to +70°C
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
12-0256


Similar Part No. - PI2EQX4402DNBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402DNBE PERICOM-PI2EQX4402DNBE Datasheet
471Kb / 8P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
More results

Similar Description - PI2EQX4402DNBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402D PERICOM-PI2EQX4402D Datasheet
471Kb / 8P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4432D PERICOM-PI2EQX4432D Datasheet
481Kb / 6P
   2.5 Gbps x2 Lane PCI Express Repeater/Equalizer with Signal Detect and Flow-Through Pinout
PI2EQX4401D PERICOM-PI2EQX4401D Datasheet
474Kb / 8P
   2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com