Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX4402DNBE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI2EQX4402DNBE
Description  2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4402DNBE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI2EQX4402DNBE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4402DNBE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8875C
07/17/07
PI2EQX4402D
2.5Gbps x2 Lane Serial PCI Express Repeater / Equalizer
with Signal Detect feature
AC Switching Characteristics for Clock Buffer (VDD = 1.8 ±0.1V, AVDD = 1.8 ±0.1V) (3)
Symbol
Parameters
Min
Max.
Units
Notes
Trise / Tfall
Rise and Fall Time (measured between 0.175V to 0.525V) (1)
125
525
ps
1
ΔTrise /
ΔTfall
Rise and Fall Time Variation
75
1
VHIGH
Voltage High including overshoot
660
900
mV
1
VLOW
Voltage Low including undershoot
-200
1
VCROSS
Absolute crossing point voltages
200
550
1
ΔVCROSS
Total Variation of Vcross over all edges
250
1
TDC
Duty Cycle (input duty cycle = 50%) (2)
45
55
%
2
Notes:
1.
Measurement taken from Single Ended waveform.
2.
Measurement taken from Differential waveform.
3.
Test configuration is RS = 33.2Ω, Rp = 49.9Ω, and 2pF.
Configuration Test Load Board Termination
Figure 2. Configuration test load board termination
Note:
• TLA and TLB are 3” transmission lines.
Rs
33
5%
Rs
33
5%
Rp
49.9
1%
475
1%
Rp
49.9
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
CLKBUF
12-0256


Similar Part No. - PI2EQX4402DNBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402DNBE PERICOM-PI2EQX4402DNBE Datasheet
471Kb / 8P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
More results

Similar Description - PI2EQX4402DNBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402D PERICOM-PI2EQX4402D Datasheet
471Kb / 8P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4432D PERICOM-PI2EQX4432D Datasheet
481Kb / 6P
   2.5 Gbps x2 Lane PCI Express Repeater/Equalizer with Signal Detect and Flow-Through Pinout
PI2EQX4401D PERICOM-PI2EQX4401D Datasheet
474Kb / 8P
   2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com