Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLD80N06K Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HRLD80N06K
Description  Originative New Design
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLD80N06K Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HRLD80N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
25
50
75
100
125
150
175
0
20
40
60
80
T
C, Case Temperature [
oC]
t
2
t
1
P
DM
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 175
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Note :
1. V
GS = 10 V
2. I
D = 30 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
JC(t) = 0.9
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]


Similar Part No. - HRLD80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD125N06K SEMIHOW-HRLD125N06K Datasheet
897Kb / 9P
   Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HRLD125N06K DOINGTER-HRLD125N06K Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HRLD1B8N10K SEMIHOW-HRLD1B8N10K Datasheet
330Kb / 9P
   Superior Avalanche Rugged Technology
HRLD370N10K SEMIHOW-HRLD370N10K Datasheet
1Mb / 9P
   Superior Avalanche Rugged Technology
More results

Similar Description - HRLD80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HRLP80N06K SEMIHOW-HRLP80N06K Datasheet
898Kb / 7P
   Originative New Design
HCD70R1K4P SEMIHOW-HCD70R1K4P Datasheet
199Kb / 7P
   Originative New Design
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
   Same Klein Quality, brand new design
Rev. 09/22 A
logo
NXP Semiconductors
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
logo
EPCOS
B32921A2104M EPCOS-B32921A2104M Datasheet
326Kb / 10P
   EMI Suppression Capacitors (MKP) Not for new design
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com